Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJD475M010R Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJD475M010R
Description  voltage derating in applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD475M010R Datasheet(HTML) 5 Page - AVX Corporation

  TAJD475M010R Datasheet HTML 1Page - AVX Corporation TAJD475M010R Datasheet HTML 2Page - AVX Corporation TAJD475M010R Datasheet HTML 3Page - AVX Corporation TAJD475M010R Datasheet HTML 4Page - AVX Corporation TAJD475M010R Datasheet HTML 5Page - AVX Corporation TAJD475M010R Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
48
TAJ, THJ & TPS Marking
For TAJ & TPS & THJ, the positive end of body has videcon
readable polarity marking as shown in the diagram. Bodies
are marked by indelible laser marking on top surface with
capacitance value, voltage and date of manufacture and
batch ID number. R case is an exception due to the small size
in which only the voltage and capacitance values are printed.
Voltage Code
Rated Voltage
at 85°C
F2
G4
J
6.3
A10
C16
D20
E25
V35
T50
TAJ & TPS - A, B, C, D, E, S, T, V, W, Y AND X CASE:
M 1 5 B3
227 A
AVX LOGO
Capacitance Value in pF
227 = 220
µF
Rated Voltage Code
A = 10V
2 Digit Batch
ID Number
Week Number
Polarity
Code
(Anode)
Year Code
M = 2000
TAJ - R CASE:
J
1 0 6
Capacitance Value in pF
106 = 10
µF
Rated Voltage Code
J = 6.3V
Polarity
Code
(Anode)
THJ - A, B, C, D AND E CASE:
M 1 5 B4
227 A
AVX LOGO
Capacitance Value in pF
227 = 220
µF
Rated Voltage Code
A = 10V
2 Digit Batch
ID Number
Week Number
Polarity
Code
(Anode)
Year Code
M = 2000
Year
Year Code
1999
L
2000
M
2001
N
2002
P


Similar Part No. - TAJD475M010R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD475*035#NJ AVX-TAJD475*035#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJD475*035TNJV AVX-TAJD475*035TNJV Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJD475*050#NJ AVX-TAJD475*050#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJD475*050TNJV AVX-TAJD475*050TNJV Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJD475035TNJ AVX-TAJD475035TNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJD475M010R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
   Thermal Resistance and Derating Information
logo
Maxim Integrated Produc...
MAX17531AUBEVKIT MAXIM-MAX17531AUBEVKIT Datasheet
948Kb / 8P
   (μMAX) in 5V Output Voltage Applications
Rev 0; 1/17
logo
Zetex Semiconductors
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com