Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # TLC2
Description  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TLC2 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button TLC2 Datasheet HTML 3Page - Radiometrix Ltd TLC2 Datasheet HTML 4Page - Radiometrix Ltd TLC2 Datasheet HTML 5Page - Radiometrix Ltd TLC2 Datasheet HTML 6Page - Radiometrix Ltd TLC2 Datasheet HTML 7Page - Radiometrix Ltd TLC2 Datasheet HTML 8Page - Radiometrix Ltd TLC2 Datasheet HTML 9Page - Radiometrix Ltd TLC2 Datasheet HTML 10Page - Radiometrix Ltd TLC2 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Radiometrix Ltd
TLC2/RLC2 Data Sheet
page 8
Condensed specifications
Frequency
433.875-434.675MHz (custom variants on 433MHz – 435MHz)
Peak deviation
±3kHz
Frequency stability
±1.5kHz
Channel spacing
25kHz (12.5kHz by special order)
Number of channels
32 channels selected via RS232 interface
or 2 x 16 groups by parallel port
Operating temperature
-10 ºC to +60 ºC (Storage -30 ºC to +70 ºC)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Transmitter
Output power
+10dBm (10mW) ±1dB (1mW or 5mW by special order)
TX on switching time
50ms from power up
Modulation type
FSK (F3D)
TX modulation bandwidth
DC – 5kHz (3V CMOS compatible)
Adjacent channel TX power
<-37dBm
TX spurious
<-50dBm (<-60dBm in standby)
Supply
Voltage
TLC2: 4.0V – 15V
TLC2LV: 1.8V – 10V (do not exceed 10V)
Current
TLC2:
32mA nominal
TLC2LV: 27mA nominal at 5V
66mA at 2V
45mA at 3V
20mA at 7V
17mA at 9V
Inputs
analogue, data (CMOS/TTL compatible)
Size
37 x 27 x 8mm
Interface
User
3pin 0.2" pitch molex
Channel
4pin 0.1" pitch molex
RF
2pin 3mm pitch
Recommended PCB hole size
1.2mm
Receiver
Sensitivity
-112dBm for 1 part per 1000 BER
-120dBm for 12 dB SINAD
S/N ratio
35dB (min), 40dB (typ) on AF output
AF bandwidth (-3dB)
4kHz
image / spurious / adjacent channel
<-60dB
Blocking
<-85dB
LO re-radiation
<-60dBm
Supply
Voltage
3.7V – 15V
Current
18mA
Outputs
RSSI, audio, data
Size
50 x 30 x 10mm
Interface
User
5pin 0.1" pitch molex
Channel
4pin 0.1" pitch molex
RF
2pin 0.1" pitch molex
Recommended PCB hole size
1.2mm
Power on to valid audio
28ms
Power on to stable data out
(50:50 mark / space)
50ms
Notes:
1. The data slicer cannot be depended upon for data waveform frequencies below 250Hz
2. When RX is on and a transmitter keys up, again a 50ms period is required to stabilise data
output mark/space. i.e. allow at least 50ms of preamble


Similar Part No. - TLC2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2142AIP TI-TLC2142AIP Datasheet
769Kb / 29P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2142AMP TI-TLC2142AMP Datasheet
769Kb / 29P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2142IP TI-TLC2142IP Datasheet
769Kb / 29P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2142MP TI-TLC2142MP Datasheet
769Kb / 29P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2201 TI-TLC2201 Datasheet
944Kb / 62P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com