Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA7805CKTTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UA7805CKTTR
Description  POSITIVE-VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA7805CKTTR Datasheet(HTML) 4 Page - Texas Instruments

  UA7805CKTTR Datasheet HTML 1Page - Texas Instruments UA7805CKTTR Datasheet HTML 2Page - Texas Instruments UA7805CKTTR Datasheet HTML 3Page - Texas Instruments UA7805CKTTR Datasheet HTML 4Page - Texas Instruments UA7805CKTTR Datasheet HTML 5Page - Texas Instruments UA7805CKTTR Datasheet HTML 6Page - Texas Instruments UA7805CKTTR Datasheet HTML 7Page - Texas Instruments UA7805CKTTR Datasheet HTML 8Page - Texas Instruments UA7805CKTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
uA7805 Electrical Characteristics
uA7808 Electrical Characteristics
µA7800 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS056L – MAY 1976 – REVISED NOVEMBER 2006
at specified virtual junction temperature, V
I = 10 V, IO = 500 mA (unless otherwise noted)
µA7805C
PARAMETER
TEST CONDITIONS
TJ(1)
UNIT
MIN
TYP
MAX
25
°C
4.8
5
5.2
IO = 5 mA to 1 A, VI = 7 V to 20 V,
Output voltage
V
PD ≤ 15 W
0
°C to 125°C
4.75
5.25
VI = 7 V to 25 V
3
100
Input voltage regulation
25
°C
mV
VI = 8 V to 12 V
1
50
Ripple rejection
VI = 8 V to 12 V, f = 120 Hz
0
°C to 125°C
62
78
dB
IO = 5 mA to 1.5 A
15
100
Output voltage regulation
25
°C
mV
IO = 250 mA to 750 mA
5
50
Output resistance
f = 1 kHz
0
°C to 125°C
0.017
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
–1.1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
40
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Bias current
25
°C
4.2
8
mA
VI = 7 V to 25 V
1.3
Bias current change
0
°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25
°C
750
mA
Peak output current
25
°C
2.2
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across
the output.
at specified virtual junction temperature, V
I = 14 V, IO = 500 mA (unless otherwise noted)
µA7808C
PARAMETER
TEST CONDITIONS
TJ(1)
UNIT
MIN
TYP
MAX
25
°C
7.7
8
8.3
IO = 5 mA to 1 A,
Output voltage
V
VI = 10.5 V to 23 V, PD ≤ 15 W
0
°C to 125°C
7.6
8.4
VI = 10.5 V to 25 V
6
160
Input voltage regulation
25
°C
mV
VI = 11 V to 17 V
2
80
Ripple rejection
VI = 11.5 V to 21.5 V, f = 120 Hz
0
°C to 125°C
55
72
dB
IO = 5 mA to 1.5 A
12
160
Output voltage regulation
25
°C
mV
IO = 250 mA to 750 mA
4
80
Output resistance
f = 1 kHz
0
°C to 125°C
0.016
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
–0.8
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
52
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Bias current
25
°C
4.3
8
mA
VI = 10.5 V to 25 V
1
Bias current change
0
°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25
°C
450
mA
Peak output current
25
°C
2.2
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across
the output.
4
Submit Documentation Feedback


Similar Part No. - UA7805CKTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7805CKTTR TI-UA7805CKTTR Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKTTR TI1-UA7805CKTTR Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTTR TI1-UA7805CKTTR Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTTR TI-UA7805CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTTR TI1-UA7805CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results

Similar Description - UA7805CKTTR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com