Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT161 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT161
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT161 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT161 Datasheet HTML 1Page - STMicroelectronics M74HCT161 Datasheet HTML 2Page - STMicroelectronics M74HCT161 Datasheet HTML 3Page - STMicroelectronics M74HCT161 Datasheet HTML 4Page - STMicroelectronics M74HCT161 Datasheet HTML 5Page - STMicroelectronics M74HCT161 Datasheet HTML 6Page - STMicroelectronics M74HCT161 Datasheet HTML 7Page - STMicroelectronics M74HCT161 Datasheet HTML 8Page - STMicroelectronics M74HCT161 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
IEC LOGIC SYMBOL (HCT161)
IEC LOGIC SYMBOL (HCT160)
IEC LOGIC SYMBOL (HCT162)
IEC LOGIC SYMBOL (HCT163)
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Master Reset
2
CLOCK
Clock Input (LOW to
HIGH, Edge-triggered)
3, 4, 5, 6
A, B, C, D
Data Inputs
7
ENABLE P
Count Enable Input
10
ENABLET
Count Enable Carry Input
9
LOAD
Parallel Enable Input
14, 13, 12,
11
QA to QD
Flip Flop Outputs
15
CARRY
OUTPUT
Terminal Count Output
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
M54/M74HCT160/161/162/163
2/16


Similar Part No. - M74HCT161

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M74HCT164B1R STMICROELECTRONICS-M74HCT164B1R Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M74HCT164B1R STMICROELECTRONICS-M74HCT164B1R Datasheet
327Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M74HCT164C1R STMICROELECTRONICS-M74HCT164C1R Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
More results

Similar Description - M74HCT161

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com