Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF38F5070M0RTQ0 Datasheet(PDF) 8 Page - Numonyx B.V

Part # PF38F5070M0RTQ0
Description  StrataFlash짰 Cellular Memory
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PF38F5070M0RTQ0 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button PF38F5070M0RTQ0 Datasheet HTML 4Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 5Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 6Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 7Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 8Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 9Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 10Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 11Page - Numonyx B.V PF38F5070M0RTQ0 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
8
309823-10
1.0
Introduction
Numonyx™ StrataFlash® Cellular Memory is the sixth generation Numonyx™
StrataFlash® memory with multi-level cell (MLC) technology. It provides high-
performance, low-power synchronous-burst read mode and asynchronous read mode
at 1.8 V. It features flexible, multi-partition read-while-program and read-while-erase
capability, enabling background programming or erasing in one partition
simultaneously with code execution or data reads in another partition. The eight
partitions allow flexibility for system designers to choose the size of the code and data
segments. The Numonyx™ StrataFlash® Cellular Memory is manufactured using Intel*
65 nm ETOX* X and 90 nm ETOX* IX process technology and is available in industry-
standard chip-scale packaging.
1.1
Document Purpose
This document describes the specifications of the Numonyx™ StrataFlash® Cellular
Memory device.
1.2
Nomenclature
1.3
Acronyms
Table 1:
Definition of Terms
Term
Definition
1.8 V
Refers to VCC and VCCQ voltage range of 1.7 V to 2.0 V
Block
A group of bits that erase with one erase command
Main Array
A group of 256-KB blocks used for storing code or data
Partition
A group of blocks that share common program and erase circuitry and command status register
Programming Region
An aligned 1-KB section within the main array
Segment
A 32-byte section within the programming region
Byte
8 bits
Word
2 bytes = 16 bits
Kb
1024 bits
KB
1024 bytes
KW
1024 words
Mb
1,048,576 bits
MB
1,048,576 bytes
Table 2:
List of Acronyms
Acronym
Meaning
APS
Automatic Power Savings
CFI
Common Flash Interface
DU
Don’t Use
ECR
Enhanced Configuration Register (Flash)


Similar Part No. - PF38F5070M0RTQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PF38F5070M0R0B NUMONYX-PF38F5070M0R0B Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
More results

Similar Description - PF38F5070M0RTQ0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
   Cellular infrastructure
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com