Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUR1560 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # HUR1560
Description  High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HUR1560 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  HUR1560 Datasheet HTML 1Page - Sirectifier Semiconductors HUR1560 Datasheet HTML 2Page - Sirectifier Semiconductors HUR1560 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SirectifierR
HUR1560
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
200
600
1000
0
400
800
70
80
90
100
110
120
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
5
10
15
20
0.0
0.4
0.8
1.2
1.6
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
10
20
30
40
100
1000
0
500
1000
1500
2000
0
1
2
0
10
20
30
40
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/us
A
V
nC
A/us
A/us
t
rr
ns
t
fr
A/us
us
Z
thJC
I
F= 30A
I
F= 15A
I
F= 7.5A
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
I
F
= 15A
Fig. 3 Peak reverse current I
RM
versus -di
F/dt
Fig. 2 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F= 30A
I
F= 15A
I
F= 7.5A
Q
r
I
RM
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Recovery time t
rr versus -diF/dt
Fig. 6 Peak forward voltage V
FR and tfr
versus di
F/dt
I
F= 30A
I
F= 15A
I
F= 7.5A
t
fr
V
FR
Fig. 7 Transient thermal resistance junction to case
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.908
0.0052
2
0.35
0.0003
3
0.342
0.017
T
VJ=150°C
T
VJ=100°C
T
VJ=
25°C


Similar Part No. - HUR1560

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR15100 SIRECTIFIER-HUR15100 Datasheet
246Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR15100 SIRECTIFIER-HUR15100 Datasheet
256Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR15100 SIRECTIFIER-HUR15100_16 Datasheet
256Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR15120 SIRECTIFIER-HUR15120 Datasheet
246Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR15120 SIRECTIFIER-HUR15120 Datasheet
256Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - HUR1560

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR20100CT SIRECTIFIER-HUR20100CT Datasheet
310Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2X60-100 SIRECTIFIER-HUR2X60-100 Datasheet
271Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2X60-60 SIRECTIFIER-HUR2X60-60 Datasheet
271Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6040PT SIRECTIFIER-HUR6040PT Datasheet
252Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR3020CT SIRECTIFIER-HUR3020CT Datasheet
311Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2960 SIRECTIFIER-HUR2960 Datasheet
247Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6060PT SIRECTIFIER-HUR6060PT Datasheet
260Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR830 SIRECTIFIER-HUR830 Datasheet
244Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR30100 SIRECTIFIER-HUR30100 Datasheet
248Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR60100PT SIRECTIFIER-HUR60100PT Datasheet
259Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR820 SIRECTIFIER-HUR820 Datasheet
161Kb / 2P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com