Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2X120 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # MBR2X120
Description  Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR2X120 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  MBR2X120 Datasheet HTML 1Page - Sirectifier Semiconductors MBR2X120 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR2*120
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
0
10
20
30
40
50
0.1
1
10
100
1000
10000
0
40
80
120
0
10
20
30
40
50
60
70
80
90
100
110
0.001
0.01
0.1
1
10
0.01
0.1
1
0
40
80
120
160
0
40
80
120
160
I
F(AV)
T
C
°C
I
F(AV)
t
s
K/W
0
10
20
30
40
100
1000
10000
C
T
I
R
I
F
A
V
F
V
R
V
R
V
pF
V
mA
A
P
(AV)
Z
thJC
V
Single Pulse
DSS2x121-0045B
A
T
VJ=150°C
125°C
100°C
75°C
25°C
T
VJ =
150°C
125°C
25°C
T
VJ= 25°C
d=0.5
d =
DC
0.5
0.33
0.25
0.17
0.08
D=0.5
0.25
0.17
DC
50°C
0.33
W
0.08
300
Fig. 3 Typ. junction capacitance C
T
versus reverse voltage V
R
Fig. 2 Typ. value of reverse current I
R
versus reverse voltage V
R
Fig. 1 Maximum forward voltage
drop characteristics
Fig. 4 Average forward current I
F(AV)
versus case temperature T
C
Fig. 5 Forward power loss
characteristics
Fig. 6 Transient thermal impedance junction to case at various duty cycles
Note: All curves are per diode


Similar Part No. - MBR2X120

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X120A045 GENESIC-MBR2X120A045 Datasheet
313Kb / 3P
   Not ESD Sensitive
MBR2X120A045 GENESIC-MBR2X120A045 Datasheet
651Kb / 3P
   Schottky Rectifier Module
MBR2X120A045 GENESIC-MBR2X120A045_18 Datasheet
651Kb / 3P
   Schottky Rectifier Module
MBR2X120A060 GENESIC-MBR2X120A060 Datasheet
314Kb / 3P
   Electrically Isolated Base Plate
MBR2X120A060 GENESIC-MBR2X120A060 Datasheet
652Kb / 3P
   Schottky Rectifier Module
More results

Similar Description - MBR2X120

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR1050CT SIRECTIFIER-MBR1050CT Datasheet
254Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR580 SIRECTIFIER-MBR580 Datasheet
119Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR730 SIRECTIFIER-MBR730 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR750 SIRECTIFIER-MBR750 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR2530CT SIRECTIFIER-MBR2530CT Datasheet
102Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR3050CT SIRECTIFIER-MBR3050CT Datasheet
103Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR1030 SIRECTIFIER-MBR1030 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR540 SIRECTIFIER-MBR540 Datasheet
132Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR560 SIRECTIFIER-MBR560 Datasheet
132Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR3030PT SIRECTIFIER-MBR3030PT Datasheet
125Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR10150CT SIRECTIFIER-MBR10150CT Datasheet
180Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com