Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79928DDCRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS79928DDCRG4
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79928DDCRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79928DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 9Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 10Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 11Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 12Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 13Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 14Page - Texas Instruments TPS79928DDCRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
Output Noise
V
N
+
10.7mV
RMS
V
V
OUT
(1)
Board Layout Recommendations to Improve PSRR and Noise Performance
Internal Current Limit
Shutdown
Dropout Voltage
Startup
TPS799xx
SBVS056E – JANUARY 2005 – REVISED OCTOBER 2005
In most LDOs, the bandgap is the dominant noise source. If a noise reduction capacitor (CNR) is used with the
TPS799xx, the bandgap does not contribute significantly to noise. Instead, noise is dominated by the output
resistor divider and the error amplifier input. To minimize noise in a given application, use a 0.01µF noise
reduction capacitor; for the adjustable version, smaller value resistors in the output resistor divider reduce noise.
A parallel combination that gives 2µA of divider current will have the same noise performance as a fixed voltage
version. To further optimize noise, equivalent series resistance of the output capacitor can be set to
approximately 0.2
Ω. This configuration maximizes phase margin in the control loop, reducing total output noise
by up to 10%.
Noise can be referred to the feedback point (FB pin) such that with CNR = 0.01µF total noise is approximately
given by Equation 1:
The TPS79901 adjustable version does not have the noise-reduction pin available, so ultra-low noise operation is
not possible. Noise can be minimized according to the above recommendations.
To improve ac performance such as PSRR, output noise, and transient response, it is recommended that the
board be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the
GND pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the
GND pin of the device.
The TPS799xx internal current limit helps protect the regulator during fault conditions. During current limit, the
output will source a fixed amount of current that is largely independent of output voltage. For reliable operation,
the device should not be operated in current limit for extended periods of time.
The PMOS pass element in the TPS799xx has a built-in body diode that conducts current when the voltage at
OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is
anticipated, external limiting may be appropriate.
The enable pin (EN) is active high and is compatible with standard and low voltage TTL-CMOS levels. When
shutdown capability is not required, EN can be connected to IN.
The TPS799xx uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in its linear region of operation and the input-to-output resistance is the
RDS,ON of the PMOS pass element. Because the PMOS device behaves like a resistor in dropout, VDO will
approximately scale with output current.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout.
This effect is shown in Figure 18 through Figure 20 in the Typical Characteristics section.
Fixed voltage versions of the TPS799xx use a quick-start circuit to fast-charge the noise reduction capacitor,
CNR, if present (see Functional Block Diagrams, Figure 1). This allows the combination of very low output noise
and fast start-up times. The NR pin is high impedance so a low leakage CNR capacitor must be used; most
ceramic capacitors are appropriate in this configuration.
Note that for fastest startup, VIN should be applied first, then the enable pin (EN) driven high. If EN is tied to IN,
startup will be somewhat slower. Refer to Figure 25 and Figure 26 in the Typical Characteristics section. The
quick-start switch is closed for approximately 135µs. To ensure that CNR is fully charged during the quick-start
time, a 0.01µF or smaller capacitor should be used.
11


Similar Part No. - TPS79928DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79928DDCRG4 TI-TPS79928DDCRG4 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79928DDCRG4 TI-TPS79928DDCRG4 Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928DDCRG4 TI-TPS79928DDCRG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928DDCRG4 TI-TPS79928DDCRG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79928DDCRG4 TI-TPS79928DDCRG4 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79928DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com