Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3050CT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # MBR3050CT
Description  Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR3050CT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  MBR3050CT Datasheet HTML 1Page - Sirectifier Semiconductors MBR3050CT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3050CT thru MBR3060CT
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=100 C
IFSM
Maximum Ratings
30
200
A
A
Unit
o
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
CJ
Typical Junction Capacitance Per Element (Note 3)
TJ
Operating Temperature Range
0.2
40
2.0
400
-55 to +150
-55 to +175
mA
pF
o
o
Typical Thermal Resistance (Note 2)
ROJC
C/W
o
C
o
NOTES: 1. 300us Pulse Width, Duty Cycle 2%.
2. Thermal Resistance Junction To Case.
3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
dv/dt
Voltage Rate Of Change (Rated VR)
10000
V/us
C
o
TSTG
Storage Temperature Range
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AB molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
Maximum Forward
Voltage (Note 1)
IF=30A @TJ=125 C
IF=15A @TJ=25 C
IF=30A @TJ=25 C
VF
0.85
0.80
0.95
V
o
o
o
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
MBR3050CT
MBR3060CT
VRRM
V
50
60
VRMS
V
35
42
VDC
V
50
60


Similar Part No. - MBR3050CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3050CT MCC-MBR3050CT Datasheet
134Kb / 2P
   30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Gaomi Xinghe Electronic...
MBR3050CT GXELECTRONICS-MBR3050CT Datasheet
372Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers Voltage Range 35 to 100 Volts Current 30.0 Amperes
logo
Taiwan Semiconductor Co...
MBR3050CT TSC-MBR3050CT Datasheet
206Kb / 4P
   Dual Common Cathode Schottky Rectifier
MBR3050CT TSC-MBR3050CT Datasheet
101Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3050CT KERSEMI-MBR3050CT Datasheet
852Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
More results

Similar Description - MBR3050CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR1050CT SIRECTIFIER-MBR1050CT Datasheet
254Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR580 SIRECTIFIER-MBR580 Datasheet
119Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR730 SIRECTIFIER-MBR730 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR750 SIRECTIFIER-MBR750 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR2530CT SIRECTIFIER-MBR2530CT Datasheet
102Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR1030 SIRECTIFIER-MBR1030 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR540 SIRECTIFIER-MBR540 Datasheet
132Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR560 SIRECTIFIER-MBR560 Datasheet
132Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR3030PT SIRECTIFIER-MBR3030PT Datasheet
125Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR10150CT SIRECTIFIER-MBR10150CT Datasheet
180Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com