Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5913B1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M5913B1
Description  COMBINED SINGLE CHIP PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5913B1 Datasheet(HTML) 2 Page - STMicroelectronics

  M5913B1 Datasheet HTML 1Page - STMicroelectronics M5913B1 Datasheet HTML 2Page - STMicroelectronics M5913B1 Datasheet HTML 3Page - STMicroelectronics M5913B1 Datasheet HTML 4Page - STMicroelectronics M5913B1 Datasheet HTML 5Page - STMicroelectronics M5913B1 Datasheet HTML 6Page - STMicroelectronics M5913B1 Datasheet HTML 7Page - STMicroelectronics M5913B1 Datasheet HTML 8Page - STMicroelectronics M5913B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
With Respect GRDD, GRDA = 0V
– 0.6 to 7
V
VBB
With Respect GRDD, GRDA = 0V
- 0.6 to – 7
V
GRDD, GRDA
In Such Case : 0
≤ VCC ≤ + 7V, – 7V ≤ VBB ≤ 0V
± 0.3
V
VI/O
Analog Inputs, Analog Outputs and Digital Inputs
VBB – 0.3
≤ VIN/VOUT ≤ VCC +
0.3
V
VO DIG
Digital Outputs
GRDD – 0.3
≤ VOUT ≤ VCC + 0.3
V
Ptot
Total Power Dissipation
1
W
Tstg
Storage Temperature Range
-65 to 150
°C
PIN NAMES
Symbol
Parameter
Symbol
Parameter
VBB
Power (-5V)
GSX
Gain Control
PWRO+, PWRO-
Power Amplifier Outputs
VFXI-, VFXI+
Analog Inputs
GSR
Gain Setting Input for receive Channel
GRDA
Analog Ground
PDN
Power Pown Select
NC
No Connected
CLKSEL
Master Clock Select
SIGX
Transmit Digital Signaling Input
LOOP
Analog Loop Back
ASEL
µ or A-law Select
SIGR
Signaling Bit Output
TSX
Digital Output - Timeslot Strobe
DCLKR
Receive Data Rate Clock
DCLKX
Transmit Data Rate Clock
DR
Receive Channel Input
DX
Transmit (Digital) Output
FSR
Receive Frame Synchronization Clock
FSX
Transmit Frame Synchronization Clock
GRDD
Digital Ground
CLKX
Transmit Master Clock
VCC
Power (+5V)
CLKR
Receive Master Clock
PIN CONNECTION (Top view)
M5913
2/17


Similar Part No. - M5913B1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
   1.2A charging 1 A discharging Highly integrated mobile power SOC
More results

Similar Description - M5913B1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com