Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M59MR032C Datasheet(PDF) 2 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 2 Page - STMicroelectronics

  M59MR032C Datasheet HTML 1Page - STMicroelectronics M59MR032C Datasheet HTML 2Page - STMicroelectronics M59MR032C Datasheet HTML 3Page - STMicroelectronics M59MR032C Datasheet HTML 4Page - STMicroelectronics M59MR032C Datasheet HTML 5Page - STMicroelectronics M59MR032C Datasheet HTML 6Page - STMicroelectronics M59MR032C Datasheet HTML 7Page - STMicroelectronics M59MR032C Datasheet HTML 8Page - STMicroelectronics M59MR032C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
M59MR032C, M59MR032D
2/49
Figure 2. LFBGA Connections (Top view through package)
AI90110
VDDQ
ADQ10
ADQ11
ADQ4
ADQ5
VSS
ADQ14
ADQ15
H
ADQ9
ADQ2
ADQ3
ADQ6
ADQ7
VSS
G
A18
WP
RP
BINV
L
A20
A16
VDDQ
F
A19
VPP
W
VDD
K
WAIT
E
8
7
6
5
4
3
2
1
ADQ1
ADQ8
E
A17
ADQ0
G
10
9
ADQ13
ADQ12
VSS
VSS
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
D
C
B
A
M
L
K
J
DU


Similar Part No. - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
M5913B1 STMICROELECTRONICS-M5913B1 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
   1.2A charging 1 A discharging Highly integrated mobile power SOC
logo
Renesas Technology Corp
M59330P RENESAS-M59330P Datasheet
219Kb / 11P
   LAN Transceiver
M59350FP RENESAS-M59350FP Datasheet
111Kb / 9P
   Watchdog Timer IC with Built-in 5 V Constant-Voltage Power Supply
More results

Similar Description - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR016C STMICROELECTRONICS-M58MR016C Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com