Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GO1555 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GO1555
Description  Voltage Controlled Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GO1555 Datasheet(HTML) 4 Page - Gennum Corporation

  GO1555 Datasheet HTML 1Page - Gennum Corporation GO1555 Datasheet HTML 2Page - Gennum Corporation GO1555 Datasheet HTML 3Page - Gennum Corporation GO1555 Datasheet HTML 4Page - Gennum Corporation GO1555 Datasheet HTML 5Page - Gennum Corporation GO1555 Datasheet HTML 6Page - Gennum Corporation GO1555 Datasheet HTML 7Page - Gennum Corporation GO1555 Datasheet HTML 8Page - Gennum Corporation GO1555 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GO1555 Data Sheet
40746 - 1
November 2006
4 of 12
2. Electrical Characteristics
Table 2-1: Electrical Characteristics
VCC = 2.5V ±0.25V, Temperature = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
V
CC
2.25
2.5
2.75
V
Supply Current
Ι
S
––
8
mA
Control Voltage Range
V
CTR
1.0
1.25
1.5
V
Control Voltage Sensitivity
df/dV
VCTR = 1.0V - 1.5V
35.5
48.5
MHz/V
Operating Frequency Range
ƒ
VCO
VCTR = 1.0V
1483.5
MHz
VCTR = 1.5V
1485.0
MHz
Output Signal Level
V
OUT
-10.5
-3
dBm
Pushing Figure
V
CC = 2.5V ± 0.25V, ref:
V
CC = 2.5V
-1.5
+1.5
MHz
Pulling Figure
VSWR = 2.0 for all phase,
ref: 50
Ω
-3
+3
MHz
Temperature Stability
T
COEF
-40°C to +85°C, ref. = 25°C
-3
4
MHz
Spurious Response
-10
dBc
Output Impedance
Z
O
––
50
Ω


Similar Part No. - GO1555

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GO1515 GENNUM-GO1515 Datasheet
47Kb / 4P
   Voltage Controlled Oscillator
GO1515 GENNUM-GO1515 Datasheet
113Kb / 5P
   Voltage Controlled Oscillator
GO1515-CTA GENNUM-GO1515-CTA Datasheet
47Kb / 4P
   Voltage Controlled Oscillator
GO1515-CTAE3 GENNUM-GO1515-CTAE3 Datasheet
113Kb / 5P
   Voltage Controlled Oscillator
GO1515 GENNUM-GO1515_05 Datasheet
113Kb / 5P
   Voltage Controlled Oscillator
More results

Similar Description - GO1555

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com