Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2134UA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2134UA
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2134UA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2134UA Datasheet HTML 1Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 2Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 3Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 4Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 5Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 6Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 7Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 8Page - Burr-Brown (TI) OPA2134UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
q SUPERIOR SOUND QUALITY
q ULTRA LOW DISTORTION: 0.00008%
q LOW NOISE: 8nV/
√Hz
q TRUE FET-INPUT: I
B = 5pA
q HIGH SPEED:
SLEW RATE: 20V/
µs
BANDWIDTH: 8MHz
q HIGH OPEN-LOOP GAIN: 120dB (600
Ω)
q WIDE SUPPLY RANGE:
±2.5V to ±18V
q SINGLE, DUAL, AND QUAD VERSIONS
High Performance
AUDIO OPERATIONAL AMPLIFIERS
TM
DESCRIPTION
The OPA134 series are ultra-low distortion, low noise
operational amplifiers fully specified for audio appli-
cations. A true FET input stage was incorporated to
provide superior sound quality and speed for excep-
tional audio performance. This in combination with
high output drive capability and excellent dc perfor-
mance allows use in a wide variety of demanding
applications. In addition, the OPA134’s wide output
swing, to within 1V of the rails, allows increased
headroom making it ideal for use in any audio circuit.
OPA134 op amps are easy to use and free from phase
inversion and overload problems often found in com-
mon FET-input op amps. They can be operated from
±2.5V to ±18V power supplies. Input cascode cir-
cuitry provides excellent common-mode rejection and
maintains low input bias current over its wide input
voltage range, minimizing distortion. OPA134 series
op amps are unity-gain stable and provide excellent
dynamic behavior over a wide range of load condi-
tions, including high load capacitance. The dual and
quad versions feature completely independent cir-
cuitry for lowest crosstalk and freedom from interac-
tion, even when overdriven or overloaded.
Single and dual versions are available in 8-pin DIP
and SO-8 surface-mount packages in standard con-
figurations. The quad is available in 14-pin DIP and
SO-14 surface mount packages. All are specified for
–40
°C to +85°C operation. A SPICE macromodel is
available for design analysis.
APPLICATIONS
q PROFESSIONAL AUDIO AND MUSIC
q LINE DRIVERS
q LINE RECEIVERS
q MULTIMEDIA AUDIO
q ACTIVE FILTERS
q PREAMPLIFIERS
q INTEGRATORS
q CROSSOVER NETWORKS
© 1996 Burr-Brown Corporation
PDS-1339C
Printed in U.S.A. December, 1997
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2134
8-Pin DIP, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4134
14-Pin DIP
SO-14
AD
BC
1
2
3
4
8
7
6
5
Offset Trim
V+
Output
NC
Offset Trim
–In
+In
V–
OPA134
8-Pin DIP, SO-8
®
OPA134
OPA2134
OPA4134
OPA134
OPA2134
OPA4134
OPA4134
OPA134
OPA2134
SBOS058


Similar Part No. - OPA2134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2134UA BURR-BROWN-OPA2134UA Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
OPA2134UA BURR-BROWN-OPA2134UA Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA2134UA BURR-BROWN-OPA2134UA Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA2134UA/2K5 BURR-BROWN-OPA2134UA/2K5 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA2134UA/2K5 BURR-BROWN-OPA2134UA/2K5 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com