Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4052A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4052A
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4052A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LV4052A Datasheet HTML 3Page - Texas Instruments SN74LV4052A Datasheet HTML 4Page - Texas Instruments SN74LV4052A Datasheet HTML 5Page - Texas Instruments SN74LV4052A Datasheet HTML 6Page - Texas Instruments SN74LV4052A Datasheet HTML 7Page - Texas Instruments SN74LV4052A Datasheet HTML 8Page - Texas Instruments SN74LV4052A Datasheet HTML 9Page - Texas Instruments SN74LV4052A Datasheet HTML 10Page - Texas Instruments SN74LV4052A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN54LV4052A, SN74LV4052A
DUAL 4CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS429H − MAY 1999 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
VI = VCC or GND
VINH = VIL
2 mA
VO
ron
+
V
I –VO
2
10–3
W
VI − VO
VCC
GND
(ON)
V
Figure 1. On-State Resistance Test Circuit
VCC
VINH = VIH
VI
VO
Condition 1: VI = 0, VO = VCC
Condition 2: VI = VCC, VO = 0
VCC
GND
(OFF)
A
Figure 2. Off-State Switch Leakage-Current Test Circuit
VCC
VINH = VIL
VI
Open
VI = VCC or GND
VCC
GND
(ON)
A
Figure 3. On-State Switch Leakage-Current Test Circuit


Similar Part No. - SN74LV4052A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4052A TI-SN74LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A-EP TI1-SN74LV4052A-EP Datasheet
477Kb / 12P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74LV4052A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com