Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT162245A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT162245A
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT162245A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVT162245A Datasheet HTML 6Page - Texas Instruments SN74LVT162245A Datasheet HTML 7Page - Texas Instruments SN74LVT162245A Datasheet HTML 8Page - Texas Instruments SN74LVT162245A Datasheet HTML 9Page - Texas Instruments SN74LVT162245A Datasheet HTML 10Page - Texas Instruments SN74LVT162245A Datasheet HTML 11Page - Texas Instruments SN74LVT162245A Datasheet HTML 12Page - Texas Instruments SN74LVT162245A Datasheet HTML 13Page - Texas Instruments SN74LVT162245A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVT162245ADGGR
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
SN74LVT162245ADLR
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
SN74LVT162245AGQLR BGA MI
CROSTA
R JUNI
OR
GQL
56
1000
330.0
16.4
4.8
7.3
1.45
8.0
16.0
Q1
SN74LVT162245AGRDR BGA MI
CROSTA
R JUNI
OR
GRD
54
1000
330.0
16.4
5.8
8.3
1.55
8.0
16.0
Q1
SN74LVT162245AZQLR
BGA MI
CROSTA
R JUNI
OR
ZQL
56
1000
330.0
16.4
4.8
7.3
1.45
8.0
16.0
Q1
SN74LVT162245AZRDR BGA MI
CROSTA
R JUNI
OR
ZRD
54
1000
330.0
16.4
5.8
8.3
1.55
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1


Similar Part No. - SN74LVT162245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT162245A TI-SN74LVT162245A Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVT162245A TI-SN74LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT162245A TI-SN74LVT162245A Datasheet
581Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT162245ADGGR TI-SN74LVT162245ADGGR Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVT162245ADGGR TI-SN74LVT162245ADGGR Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT162245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com