Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD1176 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD1176
Description  PROFIBUS RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD1176 Datasheet(HTML) 5 Page - Texas Instruments

  SN75HVD1176 Datasheet HTML 1Page - Texas Instruments SN75HVD1176 Datasheet HTML 2Page - Texas Instruments SN75HVD1176 Datasheet HTML 3Page - Texas Instruments SN75HVD1176 Datasheet HTML 4Page - Texas Instruments SN75HVD1176 Datasheet HTML 5Page - Texas Instruments SN75HVD1176 Datasheet HTML 6Page - Texas Instruments SN75HVD1176 Datasheet HTML 7Page - Texas Instruments SN75HVD1176 Datasheet HTML 8Page - Texas Instruments SN75HVD1176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
THERMAL CHARACTERISTICS
(1)
PARAMETER MEASUREMENT INFORMATION
II
IO
IO
VOD
50pF
27 Ω
27 Ω
VOC
0Vor3V
A
B
D
SN65HVD1176
SN75HVD1176
SLLS563D – JULY 2003 – REVISED DECEMBER 2007
Table 1. SUPPLY CURRENT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver and receiver, RE at 0 V, DE at VCC, All other inputs open, no load
4
6
mA
Driver only, RE at VCC, DE at VCC, All other inputs open, no load
3.8
6
mA
Supply
ICC
Current(1)
Receiver only, RE at 0 V, DE at 0 V, All other inputs open, no load
3.6
6
mA
Standby only, RE at VCC, DE at 0 V, All other inputs open
0.2
5
µA
(1)
Over recommended operating conditions
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Low-K board(4), no air flow
208.3
°C/W
θ
JA
Junction-to-ambient thermal resistance(3)
High-K board(5), no air flow
128.7
°C/W
θ
JB
Junction-to-board thermal resistance
High-K board
77.6
°C/W
θ
JC
Junction-to-case thermal resistance
43.9
°C/W
RL = 54 Ω, CL = 50 pF, 0 V to 3 V,
PD
Device power dissipation
15 MHz, 50% duty cycle square wave
277
318
mW
input, driver and receiver enabled
SN65HVD1176
–40
64
°C
Low-K board, no air flow,
PD = 318 mW
SN75HVD1176
0
°C
TA
Ambient air temperature
SN65HVD1176
–40
89
°C
High-K board, no air flow,
PD = 318 mW
SN75HVD1176
0
°C
TSD
Thermal shut down junction temperature
150
°C
(1)
See Application Information section for an explanation of these parameters.
(2)
All typical values are with VCC = 5 V and TA = 25°C.
(3)
The intent of
θ
JA specification is solely for a thermal performance comparison of one package to another in a standardized environment.
This methodology is not meant to and will not predict the performance of a package in an application-specific environment.
(4)
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
(5)
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
NOTE:
Test load capacitance includes probe and jig capacitance (unless otherwise
specified).
Signal generator characteristics: rise and fall time < 6 ns, pulse rate 100 kHz, 50%
duty cycle, Zo = 50 Ω (unless otherwise specified).
Figure 1. Driver Test Circuit, VOD and VOC Without Common-Mode Loading
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD1176 SN75HVD1176


Similar Part No. - SN75HVD1176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD1176 TI-SN75HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN75HVD1176D TI-SN75HVD1176D Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN75HVD1176D TI1-SN75HVD1176D Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
SN75HVD1176DG4 TI1-SN75HVD1176DG4 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
SN75HVD1176DR TI-SN75HVD1176DR Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD1176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com