Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1176D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1176D
Description  PROFIBUS RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1176D Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD1176D Datasheet HTML 1Page - Texas Instruments SN65HVD1176D Datasheet HTML 2Page - Texas Instruments SN65HVD1176D Datasheet HTML 3Page - Texas Instruments SN65HVD1176D Datasheet HTML 4Page - Texas Instruments SN65HVD1176D Datasheet HTML 5Page - Texas Instruments SN65HVD1176D Datasheet HTML 6Page - Texas Instruments SN65HVD1176D Datasheet HTML 7Page - Texas Instruments SN65HVD1176D Datasheet HTML 8Page - Texas Instruments SN65HVD1176D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
SN65HVD1176
SN75HVD1176
SLLS563D – JULY 2003 – REVISED DECEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES(1)
PACKAGE MARKING(2)
0C to 70C
SN75HVD1176D
VN1176
-40
°C to 85°C
SN65HVD1176D
VP1176
(1)
The D package is available taped and reeled. Add an R suffix to the device type (for example, SN65HVD1176DR).
(2)
For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet or see
the TI website at www.ti.com.
over operating junction temperature range unless otherwise noted
(1)
SN65HVD1176
UNIT
SN75HVD1176
VCC
Supply voltage(2)
–0.5 to 7
V
Voltage at any bus I/O terminal
–9 to 14
V
Voltage input, transient pulse, A and B, (through 100
Ω, see Figure 15)
–40 to 40
V
Voltage input at any D, DE or RE terminal
–0.5 to 7
V
IO
Receiver output current
–10 to 10
mA
All pins
4
kV
Human Body Model,
Electrostatic discharge
Bus terminals and
(HBM)(3)
10
kV
GND
TJ
Junction temperature
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal..
(3)
Tested in accordance with JEDEC standard 22. test method A114-A..
MIN
TYP
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
Voltage at either bus I/O terminal
A, B
–7
12
V
VIH
High-level input voltage
2
VCC
V
D, DE, RE
VIL
Low-level input voltage
0
0.8
V
VIL
Differential input voltage
A with respect to B
-12
12
V
Driver
-70
70
mA
IO
Output current
Receiver
-8
8
mA
SN65HVD1176
-40
130
TJ
Junction temperature (1)
SN75HVD1176
0
130
RL
Differential load resistance
54
1/tU1
Signaling rate
40
Mbps
(1)
See the Thermal Characteristics table for more information on maintenance of this requirement.
2
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1176 SN75HVD1176


Similar Part No. - SN65HVD1176D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1176D TI-SN65HVD1176D Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176D TI1-SN65HVD1176D Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
SN65HVD1176DG4 TI1-SN65HVD1176DG4 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
SN65HVD1176DR TI-SN65HVD1176DR Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176DR TI1-SN65HVD1176DR Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results

Similar Description - SN65HVD1176D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com