Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M59DR016D100ZB1T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M59DR016D100ZB1T
Description  16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR016D100ZB1T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M59DR016D100ZB1T Datasheet HTML 6Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 7Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 8Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 9Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 10Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 11Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 12Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 13Page - STMicroelectronics M59DR016D100ZB1T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
M59DR016C, M59DR016D
10/37
Bank Erase (BKE) Instruction. This instruction
uses six write cycles and is used to erase all the
blocks belonging to the selected bank. The Erase
Set-up command 80h is written to address 555h
on the third cycle after the two Coded cycles. The
Bank Erase Confirm command 10h is similarly
written on the sixth cycle after another two Coded
cycles at an address within the selected bank. If
the second command given is not an erase con-
firm or if the Coded cycles are wrong, the instruc-
tion aborts and the device is reset to Read Array.
It is not necessary to program the array with 00h
first as the P/E.C. will automatically do this before
erasing it to FFh. Read operations within the same
bank after the sixth rising edge of W or E output
the Status Register bits. During the execution of
the erase by the P/E.C., Data Polling bit DQ7 re-
turns ’0’, then ’1’ on completion. The Toggle bit
DQ6 toggles during erase operation and stops
when erase is completed. After completion the
Status Register bit DQ5 returns ’1’ if there has
been an Erase Failure.
Erase Suspend (ES) Instruction. In a dual bank
memory the Erase Suspend instruction is used to
read data within the bank where erase is in
progress. It is also possible to program data in
blocks not being erased.
The Erase Suspend instruction consists of writing
the command B0h without any specific address.
No Coded Cycles are required. Erase suspend is
accepted only during the Block Erase instruction
execution. The Toggle bit DQ6 stops toggling
when the P/E.C. is suspended within 15µs after
the Erase Suspend (ES) command has been writ-
ten. The device will then automatically be set to
Read Memory Array mode. When erase is sus-
pended, a Read from blocks being erased will out-
put DQ2 toggling and DQ6 at '1'. A Read from a
block not being erased returns valid data. During
suspension the memory will respond only to the
Erase Resume ER and the Program PG instruc-
tions. A Program operation can be initiated during
erase suspend in one of the blocks not being
erased. It will result in DQ6 toggling when the data
is being programmed.
Erase Resume (ER) Instruction. If
an
Erase
Suspend instruction was previously executed, the
erase operation may be resumed by giving the
command 30h, at an address within the bank be-
ing erased and without any Coded Cycle.


Similar Part No. - M59DR016D100ZB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR008 STMICROELECTRONICS-M59DR008 Datasheet
267Kb / 37P
   8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
M59DR008E STMICROELECTRONICS-M59DR008E Datasheet
267Kb / 37P
   8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
M59DR008E100N1T STMICROELECTRONICS-M59DR008E100N1T Datasheet
267Kb / 37P
   8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
M59DR008E100N6T STMICROELECTRONICS-M59DR008E100N6T Datasheet
267Kb / 37P
   8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
M59DR008E100ZB1T STMICROELECTRONICS-M59DR008E100ZB1T Datasheet
267Kb / 37P
   8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
More results

Similar Description - M59DR016D100ZB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58MR016C STMICROELECTRONICS-M58MR016C Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com