Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LF2402 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320LF2402
Description  DSP CONTROLLERS
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2402 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320LF2402 Datasheet HTML 1Page - Texas Instruments TMS320LF2402 Datasheet HTML 2Page - Texas Instruments TMS320LF2402 Datasheet HTML 3Page - Texas Instruments TMS320LF2402 Datasheet HTML 4Page - Texas Instruments TMS320LF2402 Datasheet HTML 5Page - Texas Instruments TMS320LF2402 Datasheet HTML 6Page - Texas Instruments TMS320LF2402 Datasheet HTML 7Page - Texas Instruments TMS320LF2402 Datasheet HTML 8Page - Texas Instruments TMS320LF2402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
DSP CONTROLLERS
SPRS094I − APRIL 1999 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TMS320x240x device summary
Note that throughout this data sheet, 240x is used as a generic name for the LF240x devices.
Table 1. Hardware Features of 240x Devices
FEATURE
LF2402
LF2406
LF2407
C2xx DSP Core
Yes
Yes
Yes
Instruction Cycle
33 ns
33 ns
33 ns
MIPS (30 MHz)
30 MIPS
30 MIPS
30 MIPS
RAM (16-bit word)
Dual-Access RAM (DARAM)
544
544
544
RAM (16-bit word)
Single-Access RAM (SARAM)
512
2K
2K
On-chip Flash (16-bit word) (4 sectors: 4K, 12K, 12K, 4K)
8K
32K
32K
Boot ROM (16-bit word)
Yes
Yes
Yes
External Memory Interface
Yes
Event Managers A and B (EVA and EVB)
EVA
EVA, EVB
EVA, EVB
S
General-Purpose (GP) Timers
2
4
4
S
Compare (CMP)/PWM
6/8
12/16
12/16
S
Capture (CAP)/QEP
3/2
6/4
6/4
Watchdog Timer
Yes
Yes
Yes
10-Bit ADC
Yes
Yes
Yes
S
Channels
8
16
16
S
Conversion Time (minimum)
500 ns
500 ns
500 ns
SPI
Yes
Yes
SCI
Yes
Yes
Yes
CAN
Yes
Yes
Digital I/O Pins (Shared)
21
41
41
External Interrupts
3
5
5
Supply Voltage
3.3 V
3.3 V
3.3 V
Packaging
64-pin PG
100-pin PZ
144-pin PGE
† TMS320LF2407, TMS320LF2406, and TMS320LF2402 are being replaced by TMS320LF2407A, TMS320LF2406A, and TMS320LF2402A,
respectively. Hence, TMS320LF2407, TMS320LF2406, and TMS320LF2402 are NOT RECOMMENDED FOR NEW DESIGNS (NRND). The
TMS320LF240xA devices are described in the TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A, TMS320LC2406A,
TMS320LC2404A, TMS320LC2402A DSP Controllers data sheet (literature number SPRS145).
NOTE: ROM-equivalent LC240xA devices are described in the TMS320LF240xA, TMS320LC240xA data sheet (literature number SPRS145).


Similar Part No. - TMS320LF2402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LF2402 TI-TMS320LF2402 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402 TI-TMS320LF2402 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402 TI1-TMS320LF2402 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402A TI-TMS320LF2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2402A TI-TMS320LF2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320LF2402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com