Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40210
Description  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS40210 Datasheet HTML 29Page - Texas Instruments TPS40210 Datasheet HTML 30Page - Texas Instruments TPS40210 Datasheet HTML 31Page - Texas Instruments TPS40210 Datasheet HTML 32Page - Texas Instruments TPS40210 Datasheet HTML 33Page - Texas Instruments TPS40210 Datasheet HTML 34Page - Texas Instruments TPS40210 Datasheet HTML 35Page - Texas Instruments TPS40210 Datasheet HTML 36Page - Texas Instruments TPS40210 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
0
0.5
2.5
2.0
1.5
1.0
V
IN = 14 V
V
IN = 8 V
14
12
8
V
IN (V)
I
LOAD – Load Current – A
V
IN = 12 V
24.340
24.484
24.820
24.724
24.580
24.388
24.676
24.436
24.532
24.628
24.772
List of Materials
TPS40210, TPS40211
www.ti.com......................................................................................................................................................... SLUS772A – MARCH 2008 – REVISED APRIL 2008
OUTPUT VOLTAGE
vs
LOAD CURRENT
Figure 35.
List of Materials
REFERENCE
PART
MANUFAC-
DESCRIPTION
SIZE
DESIGNATOR
NUMBER
TURER
C1
100
µF, aluminum capacitor, SM, ± 20%, 35 V
0.406 x 0.457
EEEFC1V101P
Panasonic
C2
2200 pF, ceramic capacitor, 25 V, X7R, 20%
0603
Std
Std
C3
100 pF, ceramic capacitor, 16 V, C0G, 10%
0603
Std
Std
C4
47 pF, ceramic capacitor, 16V, X7R, 20%
0603
Std
Std
C5
0.22
µF, ceramic capacitor, 16 V, X7R, 20%
0603
Std
Std
C7
1.0
µF, ceramic capacitor, 16 V, X5R, 20%
0603
Std
Std
C8
10
µF, ceramic capacitor, 25 V, X7R, 20%
0805
C3225X7R1E106M
TDK
C9
0.1
µF, ceramic capacitor, 50 V, X7R, 20%
0603
Std
Std
C10
100 pF, ceramic capacitor, 16 V, X7R, 20%
0603
Std
Std
D1
Schottky diode, 3 A, 40 V
SMC
MBRS340T3
On Semi
L1
10
µH, inductor, SMT, 7.5 A, 12.4 mΩ
0.325 x 0.318 inch
RLF12560T-100M-7R5
TDK
Q1
MOSFET, N-channel, 40 V, 14 A, 9m
SO-8
Si4840DY
Vishay
R3
10 k
Ω, chip resistor, 1/16 W, 5%
0603
Std
Std
R4
18.7 k
Ω, chip resistor, 1/16 W, 1%
0603
Std
Std
R5
1.5 k
Ω, chip resistor, 1/16 W, 1%
0603
Std
Std
R6
261 k
Ω, chip resistor, 1/16 W, 1%
0603
Std
Std
R7
51.1 k
Ω, chip resistor, 1/16 W, 1%
0603
Std
Std
R9
3.3
Ω, chip resistor, 1/16 W, 5%
0603
Std
Std
R10
1.0 k
Ω, chip resistor, 1/16 W, 5%
0603
Std
Std
R11
10 m
Ω, chip resistor, 1/2 W, 2%
1812
Std
Std
U1
IC, 4.5 V-52 V I/P, current mode boost controller
DGQ10
TPS40210DGQ
TI
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPS40210 TPS40211


Similar Part No. - TPS40210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI1-TPS40210 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
More results

Similar Description - TPS40210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com