Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5025AK-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND5025AK-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5025AK-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND5025AK-E_08 Datasheet HTML 5Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 6Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 7Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 8Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 9Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 10Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 11Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 12Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
VND5025AK-E
Electrical specification
9/31
2.3
Electrical characteristics
8V<VCC<36V; -40°C<Tj<150°C, unless otherwise specified.
Table 6.
Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCC
Operating supply voltage
4.5
13
36
V
VUSD
Undervoltage shutdown
3.5
4.5
VUSDhyst
Undervoltage shut-down
hysteresis
0.5
RON
On state resistance(1)
1.
For each channel.
IOUT =3A; Tj =25°C
25
m
IOUT =3A; Tj =150°C
50
IOUT =3A; VCC =5V; Tj =25°C
35
Vclamp
Clamp voltage
IS = 20 mA
41
46
52
V
IS
Supply current
Off State; VCC = 13V; Tj =25°C;
VIN =VOUT =VSENSE =VCSD =0V
2(2)
2.
PowerMOS leakage included.
5(2)
µA
On State; VCC = 13V;
VIN =5V; IOUT =0A
36
mA
IL(off)
Off state output current(1)
VIN =VOUT =0V;
VCC =13V; Tj = 25°C
00.01
3
µA
VIN =VOUT =0V;
VCC =13V; Tj = 125°C
05
VF
Output - VCC diode
voltage(1)
-IOUT =4A; Tj = 150°C
0.7
V
Table 7.
Switching (VCC =13V; Tj =25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-On delay time
RL =4.3Ω
(see Figure 6)
35
µs
td(off)
Turn-Off delay time
50
(dVOUT/dt)on Turn-On voltage slope
RL =4.3Ω
See Figure 21
V/µs
(dVOUT/dt)off Turn-Off voltage slope
See Figure 22
WON
Switching energy losses
during tWON
RL =4.3Ω
(see Figure 6)
0.45
mJ
WOFF
Switching energy losses
during tWOFF
0.35


Similar Part No. - VND5025AK-E_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5025AK-E STMICROELECTRONICS-VND5025AK-E Datasheet
853Kb / 32P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5025AK-E_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com