Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5025AK-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5025AK-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5025AK-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5025AK-E_08 Datasheet HTML 6Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 7Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 8Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 9Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 10Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 11Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 12Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 13Page - STMicroelectronics VND5025AK-E_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical specification
VND5025AK-E
10/31
Table 8.
Logic input
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN =0.9V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN =2.1V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN =1mA
5.5
7
IIN = -1mA
-0.7
VCSDL
CS_DIS low level voltage
0.9
ICSDL
Low level CS_DIS current
VCSD =0.9V
1
µA
VCSDH
CS_DIS high level voltage
2.1
V
ICSDH
High level CS_DIS current
VCSD =2.1V
10
µA
VCSD(hyst)
CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD =1mA
5.5
7
ICSD = -1mA
-0.7
Table 9.
Protection and diagnostics(1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH
DC short circuit current
VCC = 13V
29
41
57
A
5V < VCC < 36V
ILIML
Short circuit current
during thermal cycling
VCC = 13V;
TR <Tj <TTSD
16
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS +1
TRS +5
TRS
Thermal reset of STATUS
135
THYST
Thermal hysteresis
(TTSD-TR)
7
VDEMAG
Turn-Off output voltage
clamp
IOUT =2A;
VIN =0;
L=6mH
VCC -41 VCC -46 VCC -52
V
VON
Output voltage drop
limitation
IOUT = 0.20.1A;
Tj = -40°C to +150°C
(see Figure 9)
25
mV


Similar Part No. - VND5025AK-E_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5025AK-E STMICROELECTRONICS-VND5025AK-E Datasheet
853Kb / 32P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5025AK-E_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com