Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40211DGQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40211DGQ
Description  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40211DGQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS40211DGQ Datasheet HTML 1Page - Texas Instruments TPS40211DGQ Datasheet HTML 2Page - Texas Instruments TPS40211DGQ Datasheet HTML 3Page - Texas Instruments TPS40211DGQ Datasheet HTML 4Page - Texas Instruments TPS40211DGQ Datasheet HTML 5Page - Texas Instruments TPS40211DGQ Datasheet HTML 6Page - Texas Instruments TPS40211DGQ Datasheet HTML 7Page - Texas Instruments TPS40211DGQ Datasheet HTML 8Page - Texas Instruments TPS40211DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
TPS40210, TPS40211
SLUS772A – MARCH 2008 – REVISED APRIL 2008......................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE AMPLIFIER
ACS
Current sense amplifier gain
4..2
5.6
7.2
V/V
IB(ISNS)
Input bias current
1
3
µA
DRIVER
IGDRV(src)
Gate driver source current
VGDRV = 4 V, TJ = 25°C
375
400
mA
IGDRV(snk)
Gate driver sink current
VGDRV = 4 V, TJ = 25°C
330
400
LINEAR REGULATOR
VBP
Bypass voltage output
0 mA < IBP < 15 mA
7
8
9
V
DISABLE/ENABLE
VDIS(en)
Turn on voltage
0.7
1.3
V
VDIS(hys)
Hysteresis voltage
25
130
220
mV
RDIS
DIS pin pulldown resistance
0.7
1.1
1.5
M
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS40210 TPS40211


Similar Part No. - TPS40211DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40211DGQ TI-TPS40211DGQ Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI-TPS40211DGQ Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI1-TPS40211DGQ Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DGQG4 TI1-TPS40211DGQG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DGQR TI-TPS40211DGQR Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
More results

Similar Description - TPS40211DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com