Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40211DRCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40211DRCT
Description  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40211DRCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40211DRCT Datasheet HTML 3Page - Texas Instruments TPS40211DRCT Datasheet HTML 4Page - Texas Instruments TPS40211DRCT Datasheet HTML 5Page - Texas Instruments TPS40211DRCT Datasheet HTML 6Page - Texas Instruments TPS40211DRCT Datasheet HTML 7Page - Texas Instruments TPS40211DRCT Datasheet HTML 8Page - Texas Instruments TPS40211DRCT Datasheet HTML 9Page - Texas Instruments TPS40211DRCT Datasheet HTML 10Page - Texas Instruments TPS40211DRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
0
V
VDD – Input Voltage – V
5
15
10
45
25
20
145
148
155
146
153
151
149
152
154
150
147
35
30
40
-5
-2
5
-40
-4
3
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
1
-1
2
4.5 V
12 V
30 V
30 V
12 V
4.5 V
4
0
-3
V
VDD (V)
15
29
-40
17
27
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
23
19
25
21
36 V
12 V
4.5 V
24 V
V
VDD (V)
12 V
24 V
4.5 V
36 V
0
400
1400
-40
200
1200
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
1000
800
R
SS(DSCH) Discharge
R
SS(CHG) Charge
600
TPS40210, TPS40211
www.ti.com......................................................................................................................................................... SLUS772A – MARCH 2008 – REVISED APRIL 2008
TYPICAL CHARACTERISTICS (continued)
OVERCURRENT THRESHOLD
SWITCHING FREQUENCY CHANGE
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
OSCILLATOR AMPLITUDE
SOFT-START CHARGE/DISCHARGE RESISTANCE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40210 TPS40211


Similar Part No. - TPS40211DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40211DRCT TI-TPS40211DRCT Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCT TI-TPS40211DRCT Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCT TI1-TPS40211DRCT Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Similar Description - TPS40211DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com