Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE450HK4100JR05 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PHE450HK4100JR05
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450HK4100JR05 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PHE450HK4100JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE450HK4100JR05 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
241
PHE450
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
630 VDC / 400 VAC
(2 section)
LEAD SPACING 22.5 MM
0.39
13.5
23.0
26.0
22.5
209
10.0
1800
40
PHE450MD6390JR06L2
0.47
13.5
23.0
26.0
22.5
209
10.0
1800
40
PHE450MD6470JR06L2
0.56
15.5
24.5
26.0
22.5
176
12.0
1800
34
PHE450MD6560JR06L2
LEAD SPACING 27.5 MM
0.22
10.5
20.5
31.5
27.5
216
8.0
1100
38
PHE450MF6220JR06L2
0.27
10.5
20.5
31.5
27.5
216
8.0
1100
38
PHE450MF6270JR06L2
0.33
10.5
20.5
31.5
27.5
216
8.0
1100
38
PHE450MF6330JR06L2
0.39
10.5
20.5
31.5
27.5
216
8.0
1100
38
PHE450MF6390JR06L2
0.47
11.5
22.5
31.5
27.5
198
10.6
1100
35
PHE450MF6470JR06L2
0.56
13.5
23.0
31.5
27.5
171
12.7
1100
34
PHE450MF6560JR06L2
LEAD SPACING 27.5 MM
0.68
14.5
24.5
31.5
27.5
153
14.5
1100
33
PHE450MF6680JR06L2
0.82
17.5
28.0
31.5
27.5
126
19.7
1100
30
PHE450MF6820JR06L2
1.0
17.5
28.0
31.5
27.5
126
19.7
1100
30
PHE450MF7100JR06L2
1.2
21.0
30.0
31.5
27.5
108
25.3
1100
25
PHE450MF7120JR06L2
LEAD SPACING 37.5 MM
0.56
13.0
24.0
41.0
37.5
140
16.6
700
29
PHE450MR6560JR06L2
0.68
13.0
24.0
41.0
37.5
140
16.6
700
28
PHE450MR6680JR06L2
0.82
13.0
24.0
41.0
37.5
140
16.6
700
28
PHE450MR6820JR06L2
1.0
15.0
26.0
41.0
37.5
119
20.8
700
27
PHE450MR7100JR06L2
1.2
15.0
26.0
41.0
37.5
119
20.8
700
27
PHE450MR7120JR06L2
1.5
16.5
32.0
41.0
37.5
105
28.1
700
24
PHE450MR7150JR06L2
1.8
19.0
36.0
41.0
37.5
91
36.5
700
20
PHE450MR7180JR06L2
2.2
19.0
36.0
41.0
37.5
91
36.5
700
20
PHE450MR7220JR06L2
2.7
21.0
38.0
41.0
37.5
84
42.5
700
18
PHE450MR7270JR06L2
1000 VDC / 375 VAC
(1 section)
LEAD SPACING 7.5 MM
0.00033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK3330JR05
0.00039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK3390JR05
0.00047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK3470JR05
0.00056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK3560JR05
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450PK4390JR05
0.0047
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE450PK4470JR05
0.0056
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE450PK4560JR05
0.0068
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE450PK4680JR05
0.0082
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
2000
160
PHE450PK4820JR05
0.010
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
2000
160
PHE450PK5100JR05
0.012
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
2000
160
PHE450PK5120JR05
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4100JR05
0.0012
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4120JR05
0.0015
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4150JR05
0.0018
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4180JR05


Similar Part No. - PHE450HK4100JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450HK3680JR17 KEMET-PHE450HK3680JR17 Datasheet
57Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 680 pF, 5%, 250 V, 85C, Lead Spacing = 7.5mm
PHE450HK5180FB04R06 KEMET-PHE450HK5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180GB04R06 KEMET-PHE450HK5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180HB04R06 KEMET-PHE450HK5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180JB04R06 KEMET-PHE450HK5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450HK4100JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com