Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431QDCKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL431QDCKR
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431QDCKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL431QDCKR Datasheet HTML 7Page - Texas Instruments TL431QDCKR Datasheet HTML 8Page - Texas Instruments TL431QDCKR Datasheet HTML 9Page - Texas Instruments TL431QDCKR Datasheet HTML 10Page - Texas Instruments TL431QDCKR Datasheet HTML 11Page - Texas Instruments TL431QDCKR Datasheet HTML 12Page - Texas Instruments TL431QDCKR Datasheet HTML 13Page - Texas Instruments TL431QDCKR Datasheet HTML 14Page - Texas Instruments TL431QDCKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Cathode voltage, VKA (see Note 1)
37 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous cathode current range, IKA
−100 mA to 150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input current range
−50
µA to 10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to the ANODE terminal, unless otherwise noted.
package thermal data (see Note 2)
PACKAGE
BOARD
θJC
θJA
PDIP (P)
High K, JESD 51-7
57
°C/W
85
°C/W
SC-70 (DCK)
High K, JESD 51-7
259
°C/W
87
°C/W
SOIC (D)
High K, JESD 51-7
39
°C/W
97
°C/W
SOP (PS)
High K, JESD 51-7
46
°C/W
95
°C/W
SOT-89 (PK)
High K, JESD 51-7
9
°C/W
52
°C/W
SOT-23-5 (DBV)
High K, JESD 51-7
131
°C/W
206
°C/W
SOT-23-3 (DBZ)
High K, JESD 51-7
76
°C/W
206
°C/W
TO-92 (LP)
High K, JESD 51-7
55
°C/W
140
°C/W
TSSOP (PW)
High K, JESD 51-7
65
°C/W
149
°C/W
NOTE 2: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
recommended operating conditions
MIN
MAX
UNIT
VKA
Cathode voltage
Vref
36
V
IKA
Cathode current
1
100
mA
TL43xxC
0
70
TA
Operating free-air temperature range
TL43xxI
−40
85
°C
TA
Operating free-air temperature range
TL43xxQ
−40
125
C


Similar Part No. - TL431QDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431QDCKR TI-TL431QDCKR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431QDCKR TI1-TL431QDCKR Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431QDCKR TI-TL431QDCKR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431QDCKR TI-TL431QDCKR Datasheet
3Mb / 83P
[Old version datasheet]   TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
TL431QDCKR TI-TL431QDCKR Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431QDCKR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com