Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ACD Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACD
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431ACD Datasheet(HTML) 60 Page - Texas Instruments

Back Button TL431ACD Datasheet HTML 56Page - Texas Instruments TL431ACD Datasheet HTML 57Page - Texas Instruments TL431ACD Datasheet HTML 58Page - Texas Instruments TL431ACD Datasheet HTML 59Page - Texas Instruments TL431ACD Datasheet HTML 60Page - Texas Instruments TL431ACD Datasheet HTML 61Page - Texas Instruments TL431ACD Datasheet HTML 62Page - Texas Instruments TL431ACD Datasheet HTML 63Page - Texas Instruments TL431ACD Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-2 /C 10/01
STRAIGHT LEAD OPTION
0.016 (0,41)
0.014 (0,35)
0.157 (4,00) MAX
FORMED LEAD OPTION
0.104 (2,65)
0.210 (5,34)
0.170 (4,32)
0.050 (1,27)
0.016 (0,41)
0.022 (0,56)
0.500 (12,70) MIN
Seating
Plane
0.175 (4,44)
0.205 (5,21)
0.165 (4,19)
0.125 (3,17)
DIA
D
C
0.105 (2,67)
0.095 (2,41)
0.135 (3,43) MIN
0.080 (2,03)
0.055 (1,40)
0.045 (1,14)
1
0.105 (2,67)
23
0.080 (2,03)
0.105 (2,67)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead dimensions are not controlled within this area
D. FAlls within JEDEC TO -226 Variation AA (TO-226 replaces TO-92)
E. Shipping Method:
Straight lead option available in bulk pack only.
Formed lead option available in tape & reel or ammo pack.


Similar Part No. - TL431ACD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431ACD MOTOROLA-TL431ACD Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
STMicroelectronics
TL431ACD STMICROELECTRONICS-TL431ACD Datasheet
174Kb / 15P
   Programmable voltage reference
logo
Texas Instruments
TL431ACD TI1-TL431ACD Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
logo
ON Semiconductor
TL431ACD ONSEMI-TL431ACD Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431ACD TI-TL431ACD Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL431ACD

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com