Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE450HA5180JR05 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PHE450HA5180JR05
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450HA5180JR05 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PHE450HA5180JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE450HA5180JR05 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
242
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE450
1000 VDC / 600 VAC
(2 section)
LEAD SPACING 10 MM
0.0022
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4220JR05
0.0027
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4270JR05
0.0033
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4330JR05
0.0039
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4390JR05
0.0047
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4470JR05
0.0056
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4560JR05
0.0068
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450PA4680JR05
0.0082
4.5
10.5
13.0
10.0
1000
800
0.9
1400
122
PHE450PA4820JR05
0.010
4.5
10.5
13.0
10.0
1000
800
0.9
1400
122
PHE450PA5100JR05
0.012
5.0
11.0
13.0
10.0
800
700
1.0
1400
116
PHE450PA5120JR05
0.015
6.0
12.0
13.0
10.0
600
500
1.3
1400
105
PHE450PA5150JR05
0.018
6.0
12.0
13.0
10.0
600
500
1.3
1400
105
PHE450PA5180JR05
LEAD SPACING 15 MM
0.0039
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450PB4390JR06
0.0047
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450PB4470JR06
0.0056
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450PB4560JR06
0.0068
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450PB4680JR06
0.0082
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450PB4820JR06
0.010
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450PB5100JR06
0.012
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450PB5120JR06
0.015
5.5
10.5
18.0
15.0
1000
600
1.5
2500
100
PHE450PB5150JR06
0.018
5.5
12.5
18.0
15.0
1000
600
1.7
2500
90
PHE450PB5180JR06
0.022
5.5
12.5
18.0
15.0
1000
600
1.7
2500
90
PHE450PB5220JR06
0.027
6.5
12.5
18.0
15.0
1000
500
2.0
2500
87
PHE450PB5270JR06
0.033
7.5
14.5
18.0
15.0
800
400
2.7
2500
78
PHE450PB5330JR06
0.039
7.5
14.5
18.0
15.0
800
400
2.7
2500
78
PHE450PB5390JR06
0.047
8.0
15.0
18.0
15.0
600
400
3.0
2500
75
PHE450PB5470JR06
0.056
8.5
16.0
18.0
15.0
600
400
3.4
2500
70
PHE450PB5560JR06
0.068
9.5
17.5
18.0
15.0
500
350
4.2
2500
55
PHE450PB5680JR06
LEAD SPACING 22.5 MM
0.022
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450PD5220JR06L2
0.027
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450PD5270JR06L2
0.033
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450PD5330JR06L2
0.039
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450PD5390JR06L2
0.047
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450PD5470JR06L2
0.056
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450PD5560JR06L2
0.068
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE450PD5680JR06L2
0.082
8.0
16.0
26.0
22.5
186
4.3
1800
54
PHE450PD5820JR06L2
0.10
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE450PD6100JR06L2
0.12
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE450PD6120JR06L2
0.15
10.5
19.0
26.0
22.5
264
6.7
1800
49
PHE450PD6150JR06L2
0.18
11.0
21.5
26.0
22.5
253
8.0
1800
44
PHE450PD6180JR06L2
0.22
13.5
23.0
26.0
22.5
209
10.0
1800
40
PHE450PD6220JR06L2
0.27
15.5
24.5
26.0
22.5
176
12.0
1800
35
PHE450PD6270JR06L2
LEAD SPACING 27.5 MM
0.15
10.5
20.5
31.5
27.5
216
8.0
1300
38
PHE450PF6150JR06L2
0.18
10.5
20.5
31.5
27.5
216
8.0
1300
38
PHE450PF6180JR06L2
0.22
11.5
22.5
31.5
27.5
198
10.6
1300
36
PHE450PF6220JR06L2
0.27
11.5
22.5
31.5
27.5
198
10.6
1300
36
PHE450PF6270JR06L2
0.33
13.5
23.0
31.5
27.5
171
12.7
1300
35
PHE450PF6330JR06L2
0.39
14.5
24.5
31.5
27.5
153
14.5
1300
34
PHE450PF6390JR06L2
0.47
17.5
28.0
31.5
27.5
126
19.7
1300
30
PHE450PF6470JR06L2
0.56
19.0
29.0
31.5
27.5
117
22.1
1300
28
PHE450PF6560JR06L2
0.68
21.0
30.0
31.5
27.5
108
25.3
1300
25
PHE450PF6680JR06L2


Similar Part No. - PHE450HA5180JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450HA5180JB04R06 KEMET-PHE450HA5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450HA5180JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com