Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDK500 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320DM642GDK500
Description  Video/Imaging Fixed-Point Digital Signal Processor
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDK500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM642GDK500 Datasheet HTML 2Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 3Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 4Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 5Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 6Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 7Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 8Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 9Page - Texas Instruments TMS320DM642GDK500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 176 page
background image
www.ti.com
2
Device Overview
2.1 Device Characteristics
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
Table 2-1 provides an overview of the DM642 DSP. The table shows significant features of the DM642
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the DM642 Processor
HARDWARE FEATURES
DM642
EMIFA (64-bit bus width)
1
(clock source = AECLKIN)
EDMA (64 independent channels)
1
McASP0 (uses Peripheral Clock [AUXCLK])
1
I2C0 (uses Peripheral Clock)
1
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
Peripherals
PCI (32-bit), 66-MHz/33-MHz
1
[DeviceID Register value 0x9065]
Not all peripherals pins are
available at the same time
McBSPs
2
(For more detail, see the
(internal clock source = CPU/4 clock frequency)
Device Configuration
Configurable Video Ports (VP0, VP1, VP2)
3
section).
10/100 Ethernet MAC (EMAC)
1
Management Data Input/Output (MDIO)
1
VCXO Interpolated Control Port (VIC)
1
32-Bit Timers
3
(internal clock source = CPU/8 clock frequency)
General-Purpose Input/Output Port (GP0)
16
Size (Bytes)
288K
16K-Byte (16KB) L1 Program (L1P) Cache
On-Chip Memory
Organization
16KB L1 Data (L1D) Cache
256KB Unified Mapped RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
JTAG BSDL_ID
JTAGID register (address location: 0x01B3F008)
0x0007902F
Frequency
MHz
500, 600, 720
2 ns (DM642-500) and (DM642A-500)
[500 MHz CPU, 100 MHz EMIF(1), 33 MHz PCI port]
1.67 ns (DM642-600) and (DM642A-600)
Cycle Time
ns
[600 MHz CPU, 133 MHz EMIF(1), 66 MHz PCI port]
1.39 ns (DM642-720)
[720 MHz CPU, 133 MHz EMIF(1), 66 MHz PCI port]
1.2 V (–500)
Core (V)
1.4 V (A-500, A-600, -600, -720)
Voltage
I/O (V)
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6, x12
23 x 23 mm
548-Pin BGA (GDK and ZDK)
BGA Package
27 x 27 mm
548-Pin BGA (GNZ and ZNZ)
Process Technology
µm
0.13 µm
Product Preview (PP), Advance Information (AI),
Product Status(2)
PD
or Production Data (PD)
(1)
On this DM64x™ device, the rated EMIF speed affects only the SDRAM interface on the EMIF. For more detailed information, see the
EMIF device speed portion of this data sheet.
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Device Overview
6
Submit Documentation Feedback


Similar Part No. - TMS320DM642GDK500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM642GDK500 TI-TMS320DM642GDK500 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320DM642GDK500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com