Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5050 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # T5050
Description  SMD TypeWhite LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T5050 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button T5050 Datasheet HTML 7Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 8Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 9Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 10Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 11Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 12Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 13Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 14Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AVA Technology
T5050
Doc. No. : RD-EDS-0031
Version 1.0
Date : 2007.01.10
Page: 10 of 14
11. RELIABILITY PLAN:
* The reliability of products shall be satisfied with items listed below.
Confidence Level :
90 % ,
LTPD : 10 %
No
Test Item
Description & Condition
Sample
size
Ac/Re
Failure Criteria
1
Solderability
Tsld =235
5℃, 10sec,
1 time
22
0/1
2
Room Temperature
operating
Ta = 25
°C
IF = 60mA
1000 hrs
22
0/1
3
Room Temperature
operating
Ta = 25
°C
IF = 90mA
500 hrs
22
0/1
4
Low Temperature
Storage
Ta = -40 °C
1000 hrs
22
0/1
5
High Temperature
Storage
Ta = 100 °C
1000 hrs
22
0/1
6
Temperature Cycle
-40°C ~ 25°C ~ 100°C ~ 25 °C
30min
5min
30min
5 min
100 cycles
22
0/1
7
High Humidity
Heat
Ta = 60 °C
RH=90%
IF = 45mA
500 hrs
22
0/1
IV < L* 0.6
(IF: 20mA)
VF > U * 1.1
(IF: 20mA)
IR > U * 2.0
(VR:5V)
L: Lower Spec.
Level
U: Upper Spec.
Level


Similar Part No. - T5050

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T505000 E-SWITCH-T505000 Datasheet
128Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T505001 E-SWITCH-T505001 Datasheet
66Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T505002 E-SWITCH-T505002 Datasheet
71Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T505003 E-SWITCH-T505003 Datasheet
77Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T5050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T3228D3 ETC2-T3228D3 Datasheet
265Kb / 15P
   SMD TypeWhite LED
T3228D1 ETC2-T3228D1 Datasheet
275Kb / 14P
   SMD TypeWhite LED
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com