Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC181 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC181
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC181 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC181 Datasheet HTML 3Page - STMicroelectronics M74HC181 Datasheet HTML 4Page - STMicroelectronics M74HC181 Datasheet HTML 5Page - STMicroelectronics M74HC181 Datasheet HTML 6Page - STMicroelectronics M74HC181 Datasheet HTML 7Page - STMicroelectronics M74HC181 Datasheet HTML 8Page - STMicroelectronics M74HC181 Datasheet HTML 9Page - STMicroelectronics M74HC181 Datasheet HTML 10Page - STMicroelectronics M74HC181 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ.
Max.
Min.
Max.
VIH
High Level Input Voltage
2.0
1.5
1.5
V
4.5
3.15
3.15
6.0
4.2
4.2
VIL
Low Level Input
Voltage
2.0
0.5
0.5
V
4.5
1.35
1.35
6.0
1.8
1.8
VOH
High Level Output Voltage
(except A = B output)
2.0
VI =
VIH
or
VIL
IO=-20
µA
1.9
2.0
1.9
V
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
IO=-4.0 mA
4.18
4.31
4.13
6.0
IO=-5.2 mA
5.68
5.8
5.63
VOL
Low Level Output Voltage
2.0
VI =
VIH
or
VIL
IO=20
µA
0.0
0.1
0.1
V
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
IO= 4.0 mA
0.17
0.26
0.33
6.0
IO= 5.2 mA
0.18
0.26
0.33
II
Input Leakage Current
6.0
VI =VCC or GND
±0.1
±1
µA
ICC
Quiescent Supply Current
6.0
VI =VCC or GND
4
40
µA
M74HC181
7/13


Similar Part No. - M74HC181

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC182 STMICROELECTRONICS-M74HC182 Datasheet
260Kb / 12P
   FUNCTION LOOK AHEAD CARRY GENERATOR
M74HC182B1R STMICROELECTRONICS-M74HC182B1R Datasheet
260Kb / 12P
   FUNCTION LOOK AHEAD CARRY GENERATOR
M74HC182C1R STMICROELECTRONICS-M74HC182C1R Datasheet
260Kb / 12P
   FUNCTION LOOK AHEAD CARRY GENERATOR
M74HC182M1R STMICROELECTRONICS-M74HC182M1R Datasheet
260Kb / 12P
   FUNCTION LOOK AHEAD CARRY GENERATOR
More results

Similar Description - M74HC181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
74ACT11181 TI1-74ACT11181 Datasheet
217Kb / 14P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com