Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME285MB5220MR30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PME285MB5220MR30
Description  EMI suppressor, class X2, metallized paper
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PME285MB5220MR30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PME285MB5220MR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME285MB5220MR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
170
275 VAC 50/60 Hz
0.001 – 0.1 µF
± 20%
–40 to +110°C
40/110/56/B
S, N, D, FI, VDE, SEV, IMQ, UL, CSA
≤ 1.3 % at 1 kHz
≥ 12000 MΩ
Measured at 500 VDC after 60 s, +23°C
Tabulated self-resonance frequencies f
0 refer to 5 mm
lead lengths.
Recommended voltage:
≤ 630 VDC
The 100% screening factory test is carried out at
2150 VDC. The voltage level is selected to meet the
requirements in applicable equipment standards.
PME285
• EMI suppressor, class X2, metallized paper
• 0.001 – 0.1 µF, 275 VAC, +110 °C
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
The capacitors are intended for use as
interference suppressors in X2, across-the-
line, antenna-coupling and line-by-pass.
Multi-layer metallized paper. Encapsulated
and impregnated in self-extinguishing material
meeting the requirements of UL 94V-0.
Rated voltage
Capacitance range
Capacitance tolerance
Temperature range
Climatic category IEC
Approvals
Dissipation factor tan
δδδδδ
Insulation resistance
Resonance frequency
In DC applications
Test voltage between
terminals
ENVIRONMENTAL TEST DATA
Vibration
IEC 60068-2-6, Test Fc
3 directions at 2 hour each
No visible damage
10 – 500 Hz at 0.75 mm or 98 m/s2
No open or short circuit
Bump
IEC 60068-2-29, Test Eb
4000 bumps at 390 m/s2
No visible damage
No open or short circuit
Solderability
IEC 60068-2-20, Test Ta
Solder globule method
Wetting time < 1 s
Active flammability
EN 132400
Passive flammability
IEC 60384-14(1993)
EN 132400
Humidity
IEC 60068-2-3, Test Ca
+40°C and 90 – 95% R.H.
56 days
• The highest possible safety regarding
active and passive flammability.
• Self-extinguishing encapsulation. The
material is recognized according to
UL 94 V-0.
• Very precise positioning of leads in
relation to the case giving efficient
utilisation of PC board space.
• Excellent self-healing properties.
Ensures long life even when subjected to
frequent overvoltages.
• High dU/dt capability.
• Good resistance to ionisation due to
impregnated dielectric.
• The capacitors meet the most stringent
IEC humidity class, 56 days.
• The impregnated paper ensures excellent
stability giving outstanding reliability
properties, especially in applications
having continuous operation.
L
B
p
± 0.3
∅ d
d = 0.6 for p = 10.2
0.8 for p = 15.2 and 20.3
1.0 for p = 25.4
l = standard : 30 +5/-0 mm
option : short leads, tolerance +0/-1 mm
(standard 6 mm, code R06)
Other lead lengths on request


Similar Part No. - PME285MB5220MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME261 ETC2-PME261 Datasheet
49Kb / 3P
   General purpose AC/DC
PME261E ETC2-PME261E Datasheet
49Kb / 3P
   General purpose AC/DC
logo
Kemet Corporation
PME261EA4220KR19T0 KEMET-PME261EA4220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 2200 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA4680KR19T0 KEMET-PME261EA4680KR19T0 Datasheet
62Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA5100JR30 KEMET-PME261EA5100JR30 Datasheet
1Mb / 13P
   PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
More results

Similar Description - PME285MB5220MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
logo
List of Unclassifed Man...
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com