Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904WYDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2904WYDT
Description  Low power dual operational amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WYDT Datasheet(HTML) 5 Page - STMicroelectronics

  LM2904WYDT Datasheet HTML 1Page - STMicroelectronics LM2904WYDT Datasheet HTML 2Page - STMicroelectronics LM2904WYDT Datasheet HTML 3Page - STMicroelectronics LM2904WYDT Datasheet HTML 4Page - STMicroelectronics LM2904WYDT Datasheet HTML 5Page - STMicroelectronics LM2904WYDT Datasheet HTML 6Page - STMicroelectronics LM2904WYDT Datasheet HTML 7Page - STMicroelectronics LM2904WYDT Datasheet HTML 8Page - STMicroelectronics LM2904WYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM2904W
Electrical characteristics
5/19
GBP
Gain bandwidth product
f = 100kHz, VCC
+ = 30V, V
in = 10mV, RL = 2kΩ, CL = 100pF
0.7
1.1
MHz
THD
Total harmonic distortion
f = 1kHz, AV = 20dB, RL = 2kΩ,
Vo = 2Vpp, CL = 100pF, VCC
+ = 30V
0.02
%
en
Equivalent input noise voltage
f= 1kHz, RS = 100Ω, VCC
+ =30V
55
nV/
Hz
VO1/VO2
Channel separation (3)
1kHz
≤ f ≤ 20kHz
120
dB
1.
VO = 1.4 V, RS = 0 Ω, 5 V < VCC
+ < 30 V, 0 V < V
ic < VCC
+ - 1.5 V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output,
so there is no change in the loading charge on the input lines.
3.
Due to the proximity of external components, ensure that stray capacitance does not cause coupling between these
external parts. Typically, this can be detected because this type of capacitance increases at higher frequencies.
Table 3.
VCC
+ = 5V, V
CC
- = Ground, V
O = 1.4V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit


Similar Part No. - LM2904WYDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904WYDT STMICROELECTRONICS-LM2904WYDT Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results

Similar Description - LM2904WYDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com