Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A4742DCNR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A4742DCNR
Description  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A4742DCNR Datasheet(HTML) 4 Page - Texas Instruments

  TS3A4742DCNR Datasheet HTML 1Page - Texas Instruments TS3A4742DCNR Datasheet HTML 2Page - Texas Instruments TS3A4742DCNR Datasheet HTML 3Page - Texas Instruments TS3A4742DCNR Datasheet HTML 4Page - Texas Instruments TS3A4742DCNR Datasheet HTML 5Page - Texas Instruments TS3A4742DCNR Datasheet HTML 6Page - Texas Instruments TS3A4742DCNR Datasheet HTML 7Page - Texas Instruments TS3A4742DCNR Datasheet HTML 8Page - Texas Instruments TS3A4742DCNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY
(1) (2)
TS3A4741,, TS3A4742
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY
DUAL SPST ANALOG SWITCHES
SCDS228D – AUGUST 2006 – REVISED JANUARY 2008
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C, VIH = 1 V, VIL = 0.4 V (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
MIN
TYP(3)
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNO
0
V+
V
25
°C
1
1.5
V+ = 1.8 V, ICOM = –10 mA,
ON-state resistance
ron
VNO = 0.9 V
Full
2
25
°C
0.09
0.15
ON-state resistance match
V+ = 1.8 V, ICOM = –10 mA,
Δron
between channels(4)
VNO = 0.9 V
Full
0.25
25
°C
0.7
0.9
ON-state resistance
V+ = 1.8 V, ICOM = –10 mA,
ron(flat)
flatness(5)
0
≤ VNO ≤ V+
Full
1.5
25
°C
–1
0.5
1
NO
V+ = 1.95 V, VCOM = 0.15 V, 1.65 V,
INO(OFF)
nA
OFF leakage current(6)
VNO = 1.8 V, 0.15 V
Full
–10
10
25
°C
–1
0.5
1
COM
V+ = 1.95 V, VCOM = 0.15 V, 1.65 V,
ICOM(OFF)
nA
OFF leakage current(6)
VNO = 1.8 V, 0.15 V
Full
–10
10
25
°C
–1
0.01
1
COM
V+ = 1.95 V, VCOM = 0.15 V, 1.65 V,
ICOM(ON)
nA
ON leakage current(6)
VNO = 0.15 V, 1.65 V, or floating
Full
–3
3
Dynamic
25
°C
6
18
VNO = 1.5 V, RL = 50 Ω,
Turn-on time
tON
ns
CL = 35 pF, See Figure 14
Full
20
25
°C
5
10
VNO = 1.5 V, RL = 50 Ω,
Turn-off time
tOFF
ns
CL = 35 pF, See Figure 14
Full
12
VGEN = 0, RGEN = 0, CL = 1 nF,
Charge injection
QC
25
°C
3.2
pC
See Figure 15
NO OFF capacitance
CNO(OFF)
f = 1 MHz, See Figure 16
25
°C
23
pF
COM OFF capacitance
CCOM(OFF)
f = 1 MHz, See Figure 16
25
°C
20
pF
COM ON capacitance
CCOM(ON)
f = 1 MHz, See Figure 16
25
°C
43
pF
Bandwidth
BW
RL = 50 Ω, Switch ON
25
°C
123
MHz
f = 10 MHz
–61
RL = 50 Ω, CL = 5 pF,
OFF isolation(7)
OISO
25
°C
dB
See Figure 17
f = 100 MHz
–36
f = 10 MHz
–95
RL = 50 Ω, CL = 5 pF,
Crosstalk
XTALK
25
°C
dB
See Figure 17
f = 100 MHz
–73
RL = 32 Ω
0.14
f = 20 Hz to 20 kHz, VCOM
Total harmonic distortion
THD
25
°C
%
= 2 VP-P
RL = 600 Ω
0.013
Digital Control Inputs (IN1, IN2)
Input logic high
VIH
Full
1
V
Input logic low
VIL
Full
0.4
V
25
°C
0.1
5
Input leakage current
IIN
VI = 0 or V+
nA
Full
–10
10
Supply
Power-supply range
V+
1.65
1.95
V
25
°C
0.05
Positive-supply current
I+
VI = 0 or V+
µA
Full
0.5
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
Parts are tested at 85
°C and specified by design and correlation over the full temperature range.
(3)
Typical values are at TA = 25°C.
(4)
Δron = ron(max) – ron(min)
(5)
Flatness is defined as the difference between the maximum and minimum value of ron as measured over the specified analog signal
ranges.
(6)
Leakage parameters are 100% tested at the maximum-rated hot operating temperature and specified by correlation at TA = 25°C.
(7)
OFF isolation = 20log10 (VCOM/VNO), VCOM = output, VNO = input to OFF switch
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A4741 TS3A4742


Similar Part No. - TS3A4742DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4742DCNR TI-TS3A4742DCNR Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4742DCNR TI1-TS3A4742DCNR Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

Similar Description - TS3A4742DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
[Old version datasheet]   TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com