Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC109E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC109E
Description  Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC109E Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC109E Datasheet HTML 1Page - Texas Instruments CD74HC109E Datasheet HTML 2Page - Texas Instruments CD74HC109E Datasheet HTML 3Page - Texas Instruments CD74HC109E Datasheet HTML 4Page - Texas Instruments CD74HC109E Datasheet HTML 5Page - Texas Instruments CD74HC109E Datasheet HTML 6Page - Texas Instruments CD74HC109E Datasheet HTML 7Page - Texas Instruments CD74HC109E Datasheet HTML 8Page - Texas Instruments CD74HC109E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUTS
OUTPUTS
S
RCP
J
KQ
Q
LH
X
X
X
H
L
H
L
XXX
L
H
L
L
X
X
X
H (Note 1)
H (Note 1)
H
H
LLL
H
H
H
H
L
Toggle
HH
L
H
No Change
HH
HHH
L
H
H
L
X
X
No Change
H= High Level (Steady State)
L= Low Level (Steady State)
X= Don’t Care
= Low-to-High Transition
NOTE:
1. Unpredictable and unstable condition if both S and R go high simultaneously
1S
2S
2R
5
11
6
7
1Q
1Q
15
1
1R
2K
13
12
10
9
2Q
2Q
2CP
F/F 1
F/F 2
GND = 8
VCC = 16
2J
14
1K
3
4
1CP
1J
2
S
J
K
CL
CL
R
Q
Q
6(10)
7(9)
Q
Q
5(11)
S
2(14)
J
3(13)
K
4(12)
CP
1(15)
R
FF
VCC
GND
16
8
CD54HC109, CD74HC109, CD54HCT109, CD74HCT109


Similar Part No. - CD74HC109E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC109E TI-CD74HC109E Datasheet
279Kb / 12P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109E TI-CD74HC109E Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109EE4 TI-CD74HC109EE4 Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
More results

Similar Description - CD74HC109E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC109 TI-CD54HC109 Datasheet
279Kb / 12P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109_07 Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109 TI-CD74HC109 Datasheet
58Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI1-CD54HC112_15 Datasheet
757Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
logo
NXP Semiconductors
74ALS109A PHILIPS-74ALS109A Datasheet
93Kb / 9P
   Dual J-K positive edge-triggered flip-flop with set and reset
1991 Feb 08
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com