Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC508A Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC508A
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC508A Datasheet(HTML) 3 Page - Burr-Brown (TI)

  MPC508A_08 Datasheet HTML 1Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 2Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 3Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 4Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 5Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 6Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 7Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 8Page - Burr-Brown (TI) MPC508A_08 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MPC508A, MPC509A
3
SBFS019A
www.ti.com
PIN CONFIGURATIONS
TRUTH TABLES
"ON"
A
2
A
1
A
0
EN
CHANNEL
X
X
X
L
None
LLL
H
1
LL
H
H
2
LH
LH
3
L
HHH
4
HL
L
H
5
HL
H
H
6
HH
L
H
7
HHHH
8
MPC508A
MPC509A
"ON"
CHANNEL
A
1
A
0
EN
PAIR
X
X
L
None
LL
H
1
LH
H
2
HL
H
3
HH
H
4
Voltage between supply pins ............................................................... 44V
V+ to ground ........................................................................................ 22V
V– to ground ........................................................................................ 25V
Digital input overvoltage VEN, VA:
VSUPPLY (+) ................................................... +4V
VSUPPLY (–) ................................................... –4V
or 20mA, whichever occurs first.
Analog input overvoltage VS:
VSUPPLY (+) ................................................ +20V
VSUPPLY (–) ................................................ –20V
Continuous current, S or D ............................................................... 20mA
Peak current, S or D
(pulsed at 1ms, 10% duty cycle max) ............................................ 40mA
Power dissipation(2) .......................................................................... 1.28W
Operating temperature range ........................................... –40
°C to +85°C
Storage temperature range ............................................. –65
°C to +150°C
NOTE: (1) Absolute maximum ratings are limiting values, applied individu-
ally, beyond which the serviceability of the circuit may be impaired. Func-
tional operation under any of these conditions is not necessarily implied.
(2) Derate 1.28mW/
°C above T
A = +70°C.
ABSOLUTE MAXIMUM RATINGS(1)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
0
En
–V
SUPPLY
In 1
In 2
In 3
In 4
Out
A
1
A
2
Ground
+V
SUPPLY
In 5
In 6
In 7
In 8
Top View
MPC508A (Plastic)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
0
En
–V
SUPPLY
In 1A
In 2A
In 3A
In 4A
Out A
A
1
Ground
+V
SUPPLY
In 1B
In 2B
In 3B
In 4B
Out B
Top View
MPC509 A (Plastic)
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see
the Package Option Addendum located at the end of this
data sheet.


Similar Part No. - MPC508A_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC508A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com