Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

M68AF127BM70NK Datasheet(PDF) 15 Page - STMicroelectronics

Part No. M68AF127BM70NK
Description  1Mbit 128K x8, 5V Asynchronous SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127BM70NK Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M68AF127BM70NK Datasheet HTML 11Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 12Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 13Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 14Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 15Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 16Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 17Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 18Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
M68AF127B
Table 8. Write Mode AC Characteristics
Note: 1. At any given temperature and voltage condition, tWLQZ is less than tWHQX for any given device.
2. These parameters are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
Symbol
Parameter
M68AF127B
Unit
55
70
tAVAV
Write Cycle Time
Min
55
70
ns
tAVEH
Address Valid to Chip Enable High
Min
45
60
ns
tAVEL
Address valid to Chip Enable Low
Min
0
0
ns
tAVWH
Address Valid to Write Enable High
Min
45
60
ns
tAVWL
Address Valid to Write Enable Low
Min
0
0
ns
tDVEH
Input Valid to Chip Enable High
Min
25
30
ns
tDVWH
Input Valid to Write Enable High
Min
25
30
ns
tEHAX
Chip Enable High to Address Transition
Min
0
0
ns
tEHDX
Chip enable High to Input Transition
Min
0
0
ns
tELEH
Chip Enable Low to Chip Enable High
Min
45
60
ns
tELWH
Chip Enable Low to Write Enable High
Min
45
60
ns
tWHAX
Write Enable High to Address Transition
Min
0
0
ns
tWHDX
Write Enable High to Input Transition
Min
0
0
ns
tWHQX
(1)
Write Enable High to Output Transition
Min
5
5
ns
tWLEH
Write Enable Low to Chip Enable High
Min
45
60
ns
tWLQZ
(1,2)
Write Enable Low to Output Hi-Z
Max
20
20
ns
tWLWH
Write Enable Low to Write Enable High
Min
45
60
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M68AW127B 1Mbit 128K x8 3.0V Asynchronous SRAM 1  2  3  4  5  More STMicroelectronics
N02L163WC2A 2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K × 16 bit 1  2  3  4  5  More NanoAmp Solutions, Inc.
M68AW128M 2 Mbit 128K x16 3.0V Asynchronous SRAM 1  2  3  4  5  More STMicroelectronics
HMN1288D Non-Volatile SRAM MODULE 1Mbit 128K x 8-Bit 32Pin-DIP 5V 1  2  3  4  5  More List of Unclassifed Manufacturers
GS71108TP 128K x 8 1Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology
GS71208TP 128K x 8 1Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology
GS73024B-10 128K X 24 3MB ASYNCHRONOUS SRAM 1  2  3  4  5  More List of Unclassifed Manufacturers
GS72116TP 128K x 16 2Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology
M68AW128ML 2 Mbit 128K x16 3.0V Asynchronous SRAM 1  2  3  4  5  More STMicroelectronics
GS72116ATP 128K x 16 2Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn