Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

M68AF127BM70NK Datasheet(PDF) 17 Page - STMicroelectronics

Part No. M68AF127BM70NK
Description  1Mbit 128K x8, 5V Asynchronous SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127BM70NK Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M68AF127BM70NK Datasheet HTML 13Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 14Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 15Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 16Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 17Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 18Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 19Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 20Page - STMicroelectronics M68AF127BM70NK Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
M68AF127B
PACKAGE MECHANICAL
Figure 16. SO32 - 32 lead Plastic Small Outline, Package Outline
Note: Drawing is not to scale.
Table 10. SO32 - 32 lead Plastic Small Outline, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
B
0.36
0.51
0.014
0.020
A
3.00
0.118
A1
0.10
0.004
A2
2.57
2.82
0.101
0.111
C
0.15
0.30
0.006
0.012
CP
0.10
0.004
D
20.14
20.75
0.793
0.817
E
11.18
11.43
0.440
0.450
E1
13.87
14.38
0.546
0.566
e
1.27
0.050
L
0.58
0.99
0.023
0.039
L1
1.19
1.60
0.047
0.063
N32
32
E
16
e
A2
D
C
E1
A
17
32
1
B
SO-C
CP
A1
L
L1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M68AW127B 1Mbit 128K x8 3.0V Asynchronous SRAM 1  2  3  4  5  More STMicroelectronics
N02L163WC2A 2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K × 16 bit 1  2  3  4  5  More NanoAmp Solutions, Inc.
M68AW128M 2 Mbit 128K x16 3.0V Asynchronous SRAM 1  2  3  4  5  More STMicroelectronics
HMN1288D Non-Volatile SRAM MODULE 1Mbit 128K x 8-Bit 32Pin-DIP 5V 1  2  3  4  5  More List of Unclassifed Manufacturers
GS71108TP 128K x 8 1Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology
GS71208TP 128K x 8 1Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology
GS73024B-10 128K X 24 3MB ASYNCHRONOUS SRAM 1  2  3  4  5  More List of Unclassifed Manufacturers
GS72116TP 128K x 16 2Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology
M68AW128ML 2 Mbit 128K x16 3.0V Asynchronous SRAM 1  2  3  4  5  More STMicroelectronics
GS72116ATP 128K x 16 2Mb Asynchronous SRAM 1  2  3  4  5  More GSI Technology

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn