Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AF127BL55MC1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M68AF127BL55MC1
Description  1Mbit 128K x8, 5V Asynchronous SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127BL55MC1 Datasheet(HTML) 4 Page - STMicroelectronics

  M68AF127BL55MC1 Datasheet HTML 1Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 2Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 3Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 4Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 5Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 6Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 7Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 8Page - STMicroelectronics M68AF127BL55MC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M68AF127B
4/23
SUMMARY DESCRIPTION
The M68AF127B is a 1Mbit (1,048,576 bit) CMOS
SRAM, organized as 131,072 words by 8 bits. The
device features fully static operation requiring no
external clocks or timing strobes, with equal ad-
dress access and cycle times. It requires a single
4.5 to 5.5V supply.
This device has an automatic power-down feature,
reducing the power consumption by over 99%
when deselected.
The M68AF127B is available in SO32, PDIP32,
TSOP32 (8x13.4mm) and TSOP32 (8x20mm)
packages.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05472B
17
A0-A16
W
DQ0-DQ7
VCC
M68AF127B
G
VSS
8
E1
E2
A0-A16
Address Inputs
DQ0-DQ7
Data Input/Output
E1
Chip Enable
E2
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M68AF127BL55MC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B1E STMICROELECTRONICS-M68AF031AL55B1E Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B1F STMICROELECTRONICS-M68AF031AL55B1F Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B1T STMICROELECTRONICS-M68AF031AL55B1T Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B6E STMICROELECTRONICS-M68AF031AL55B6E Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
More results

Similar Description - M68AF127BL55MC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
   1Mbit 128K x8, 3.0V Asynchronous SRAM
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN1288J ETC1-HMN1288J Datasheet
158Kb / 8P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit),34Pin-JLCC, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
White Electronic Design...
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com