Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341AIDBVTE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341AIDBVTE4
Description  LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341AIDBVTE4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV341AIDBVTE4 Datasheet HTML 1Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 2Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 3Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 4Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 5Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 6Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 7Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 8Page - Texas Instruments TLV341AIDBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 1.8-V and 5-V Performance
D Low Offset (A Grade)
− 1.25 mV Max (25
5C)
− 1.7 mV Max (−40
5C to 1255C)
D Rail-to-Rail Output Swing
D Wide Common-Mode Input Voltage
Range . . . −0.2 V to (V+ − 0.5 V)
D Input Bias Current...1 pA (Typ)
D Input Offset Voltage . . . 0.3 mV (Typ)
D Low Supply Current ...70 µA/Channel
D Low Shutdown Current . . .
10 pA (Typ) Per Channel
D Gain Bandwidth . . . 2.3 MHz (Typ)
D Slew Rate . . . 0.9 V/µs (Typ)
D Turn-On Time From Shutdown
...5
µs (Typ)
D Input Referred Voltage Noise (at 10 kHz)
. . . 20 nV/
/Hz
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
D Applications
− Cordless/Cellular Phones
− Consumer Electronics (Laptops, PDAs)
− Audio Pre-Amp for Voice
− Portable/Battery-Powered Electronic
Equipment
− Supply Current Monitoring
− Battery Monitoring
− Buffers
− Filters
− Drivers
TLV341
DBV (SOT-23) OR DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
IN+
GND
IN−
V+
SHDN
OUT
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
V+
2OUT
2IN−
2IN+
TLV342
D (SOIC) OR DGK (MSOP) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
V+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
TLV344
D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
TLV341
DRL (SOT-563) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
GND
IN+
IN−
V+
SHDN
OUT
TLV342
RUG (QFN) PACKAGE
(TOP VIEW)
1IN−
2IN−
NC − No internal connection
1IN+
GND
NC
2IN+
1OUT
NC
V+
2OUT
1
2
3
5
7
9
10
8
46
TLV342S
RUG (QFN) PACKAGE
(TOP VIEW)
1IN−
2IN−
NC − No internal connection
1IN+
GND
SHDN
2IN+
1OUT
NC
V+
2OUT
1
2
3
5
7
9
10
8
46
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV341AIDBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341AIDBVTE4 TI-TLV341AIDBVTE4 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDBVTE4 TI-TLV341AIDBVTE4 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDBVTE4 TI-TLV341AIDBVTE4 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341AIDBVTE4 TI-TLV341AIDBVTE4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDBVTE4 TI-TLV341AIDBVTE4 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV341AIDBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com