Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M59DR032C100N1T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M59DR032C100N1T
Description  32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032C100N1T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M59DR032C100N1T Datasheet HTML 6Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 7Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 8Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 9Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 10Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 11Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 12Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 13Page - STMicroelectronics M59DR032C100N1T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
M59DR032A, M59DR032B
10/38
Block Protect (BP), Block Unprotect (BU),
Block Lock (BL) Instructions. All blocks are
protected at power-up. Each block of the array has
two levels of protection against program or erase
operation. The first level is set by the Block Protect
instruction; a protected block cannot be pro-
grammed or erased until a Block Unprotect in-
struction is given for that block. A second level of
protection is set by the Block Lock instruction, and
requires the use of the WP pin, according to the
following scheme:
– when WP is at VIH, the Lock status is overridden
and all blocks can be protected or unprotected;
– when WP is at VIL, Lock status is enabled; the
locked blocks are protected, regardless of their
previous protect state, and protection status
cannot be changed. Blocks that are not locked
can still change their protection status, and pro-
gram or erase accordingly;
– the lock status is cleared for all blocks at power
up; once a block has been locked state can be
cleared only with a reset command. The protec-
tion and lock status can be monitored for each
block using the Autoselect (AS) instruction. Pro-
tected blocks will output a ‘1’ on DQ0 and locked
blocks will output a ‘1’ on DQ1.
Refer to Table 13 for a list of the protection states.
Block Erase (BE) Instruction. This
instruction
uses a minimum of six write cycles. The Erase
Set-up command 80h is written to address 555h
on third cycle after the two Coded cycles. The
Block Erase Confirm command 30h is similarly
written on the sixth cycle after another two Coded
cycles and an address within the block to be
erased is given and latched into the memory.
Table 13. Protection States (1)
Note: 1. All blocks are protected at power-up, so the default configuration is 001 or 101 according to WP status.
2. Current state and Next state gives the protection status of a block. The protection status is defined by the write protect pin and by
DQ1 (= 1 for a locked block) and DQ0 (= 1 for a protected block) as read in the Autoselect instruction with A1 = VIH and A0 = VIL.
3. Next state is the protection status of a block after a Protect or Unprotect or Lock command has been issued or after WP has changed
its logic value.
4. A WP transition to VIH on a locked block will restore the previous DQ0 value, giving a 111 or 110.
Current State (2)
(WP, DQ1, DQ0)
Program/Erase
Allowed
Next State After Event (3)
Protect
Unprotect
Lock
WP transition
100
yes
101
100
111
000
101
no
101
100
111
001
110
yes
111
110
111
011
111
no
111
110
111
011
000
yes
001
000
011
100
001
no
001
000
011
101
011
no
011
011
011
111 or 110 (4)
Additional block Erase Confirm commands and
block addresses can be written subsequently to
erase other blocks in parallel, without further Cod-
ed cycles. All blocks must belong to the same
bank of memory; if a new block belonging to the
other bank is given, the operation is aborted. The
erase will start after an erase timeout period of
100µs. Thus, additional Erase Confirm commands
for other blocks must be given within this delay.
The input of a new Erase Confirm command will
restart the timeout period. The status of the inter-
nal timer can be monitored through the level of
DQ3, if DQ3 is '0' the Block Erase Command has
been given and the timeout is running, if DQ3 is '1',
the timeout has expired and the P/E.C. is erasing
the Block(s). If the second command given is not
an erase confirm or if the Coded cycles are wrong,
the instruction aborts, and the device is reset to
Read Array. It is not necessary to program the
block with 00h as the P/E.C. will do this automati-
cally before erasing to FFh. Read operations with-
in the same bank, after the sixth rising edge of W
or E, output the status register bits.
During the execution of the erase by the P/E.C.,
the memory accepts only the Erase Suspend ES
instruction; the Read/Reset RD instruction is ac-
cepted during the 100µs time-out period. Data
Polling bit DQ7 returns '0' while the erasure is in
progress and '1' when it has completed. The Tog-
gle bit DQ6 toggles during the erase operation,
and stops when erase is completed.
After completion the Status Register bit DQ5 re-
turns '1' if there has been an erase failure. In such
a situation, the Toggle bit DQ2 can be used to de-
termine which block is not correctly erased. In the
case of erase failure, a Read/Reset RD instruction
is necessary in order to reset the P/E.C.


Similar Part No. - M59DR032C100N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR032E-ZB STMICROELECTRONICS-M59DR032E-ZB Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M59DR032E-ZBE STMICROELECTRONICS-M59DR032E-ZBE Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M59DR032E-ZBF STMICROELECTRONICS-M59DR032E-ZBF Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M59DR032E-ZBT STMICROELECTRONICS-M59DR032E-ZBT Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M59DR032E-ZF STMICROELECTRONICS-M59DR032E-ZF Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
More results

Similar Description - M59DR032C100N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M36DR432C STMICROELECTRONICS-M36DR432C Datasheet
330Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M59DR008E STMICROELECTRONICS-M59DR008E Datasheet
267Kb / 37P
   8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com