Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

WP7143SRC-D Datasheet(HTML) 5 Page - Kingbright Corporation

Part No. WP7143SRC-D
Description  T-1 3/4 (5mm) ROUND LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

WP7143SRC-D Datasheet(HTML) 5 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
SPEC NO: DSAE9408
REV NO: V.3
DATE: MAY/22/2007
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101002055-03


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WP2523SURC-ET-1 3/4 5mm ROUND LED LAMP 1 2 3 4 Kingbright Corporation
WP7143SURC-ET-1 3/4 5mm ROUND LED LAMP 1 2 3 4 5 MoreKingbright Corporation
WP7143SURCT-1 3/4 5mm ROUND LED LAMP 1 2 3 4 Kingbright Corporation
WP483IDTT-1 3/4 5mm CYLINDRICAL LED LAMP 1 2 3 4 5 MoreKingbright Corporation
WP7113WYP-VGC-ZT-1 3/4 5mm HOUSING FOR LED LAMP 1 2 3 4 5 Kingbright Corporation
WP483SRSGWT-1 3/4 5mm CYLINDRICAL LED LAMP 1 2 3 4 5 MoreKingbright Corporation
WP483YDTT-1 3/4 5mm CYLINDRICAL LED LAMP 1 2 3 4 5 MoreKingbright Corporation
WP154A4SUREPBGVGACT-1 3/4 5mm FULL COLOR LED LAMP 1 2 3 4 5 MoreKingbright Corporation
WP154A4SUREPBGVGAWT-1 3/4 5mm FULL COLOR LED LAMP 1 2 3 4 5 MoreKingbright Corporation
WP483EDTT-1 3/4 5mm CYLINDRICAL LED LAMP 1 2 3 4 5 MoreKingbright Corporation

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn