Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3528ASF4C Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3528ASF4C
Description  3.5x2.8 mm INFRARED EMITTING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528ASF4C Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3528ASF4C Datasheet HTML 1Page - Kingbright Corporation AA3528ASF4C Datasheet HTML 2Page - Kingbright Corporation AA3528ASF4C Datasheet HTML 3Page - Kingbright Corporation AA3528ASF4C Datasheet HTML 4Page - Kingbright Corporation AA3528ASF4C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH4240
REV NO: V.2
DATE: JUN/13/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201002904
3.5x2.8 mm INFRARED EMITTING DIODE
Part Number: AA3528ASF4C
Features
MECHANICALLY AND SPECTRALLY MATCHED TO
THE PHOTOTRANSISTOR.
WATER CLEAR LENS.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Description
SF4 Made with Gallium Aluminum Arsenide Infrared
Emitting diodes.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA3528ASF4C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528ASECK KINGBRIGHT-AA3528ASECK Datasheet
277Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASGC KINGBRIGHT-AA3528ASGC Datasheet
288Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASRC KINGBRIGHT-AA3528ASRC Datasheet
276Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASURCK KINGBRIGHT-AA3528ASURCK Datasheet
276Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASYCK KINGBRIGHT-AA3528ASYCK Datasheet
287Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
More results

Similar Description - AA3528ASF4C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZTHI45W SUNLED-ZTHI45W Datasheet
185Kb / 4P
   3.5x2.8 mm INFRARED EMITTING DIODE
logo
Kingbright Corporation
AA3528AF3C KINGBRIGHT-AA3528AF3C Datasheet
292Kb / 5P
   3.5x2.8 mm INFRARED EMITTING DIODE
APT2012F3C KINGBRIGHT-APT2012F3C Datasheet
268Kb / 5P
   2.0x1.25 mm INFRARED EMITTING DIODE
APT2012SF4C KINGBRIGHT-APT2012SF4C Datasheet
283Kb / 5P
   2.0x1.25 mm INFRARED EMITTING DIODE
logo
HK TO-GRACE TECHNOLOGY ...
APT2012SF4C-PRV TO-GRACE-APT2012SF4C-PRV Datasheet
1Mb / 5P
   2.0x1.25 mm INFRARED EMITTING DIODE
logo
Kingbright Corporation
APT1608SF4C-P22 KINGBRIGHT-APT1608SF4C-P22 Datasheet
634Kb / 4P
   1.6 x 0.8 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APTD1608LCGCK TO-GRACE-APTD1608LCGCK Datasheet
928Kb / 4P
   1.6 x 0.8 mm Infrared Emitting Diode
logo
Kingbright Corporation
APD2520SF4C03-P22 KINGBRIGHT-APD2520SF4C03-P22 Datasheet
462Kb / 4P
   4.5 x 2 mm Infrared Emitting Diode
Rev No: V.1B
logo
HK TO-GRACE TECHNOLOGY ...
APT1608F3C-P22 TO-GRACE-APT1608F3C-P22 Datasheet
1,005Kb / 4P
   1.6 x 0.8 mm Infrared Emitting Diode
APTD2012F3C TO-GRACE-APTD2012F3C Datasheet
879Kb / 4P
   2.0 x 1.25 mm Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com