Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF070007-PK11 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF070007-PK11
Description  70 MHz Low-Loss Filter for Base Station applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF070007-PK11 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF070007-PK11 Datasheet HTML 1Page - Advanced Crystal Technology ACTF070007-PK11 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
2 OF 2
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture
that is connected to a 50
Ω test system with VSWR ≤1.2:1. The test fixture L and C are adjusted for
minimum insertion loss at the filter centre frequency, fC. Note that insertion loss, bandwidth, and
passband shape are dependent on the impedance matching component values and quality.
2.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
3.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
4.
All equipment designs utilizing this product must be approved by the appropriate government agency
prior to manufacture or sale.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for
applications, processes and circuits implemented within components or assemblies.
Package
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF070007-PK11

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070012-PK10 ACT-ACTF070012-PK10 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station applications
SEPT 04
ACTF070012/PK10 ACT-ACTF070012/PK10 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station applications
SEPT 04
logo
List of Unclassifed Man...
ACTF070013 ETC-ACTF070013 Datasheet
45Kb / 2P
   70 MHz Standard Filter FOR base Station application
ACTF070013-PK10 ETC-ACTF070013-PK10 Datasheet
45Kb / 2P
   70 MHz Standard Filter FOR base Station application
logo
Advanced Crystal Techno...
ACTF070013-PK10 ACT-ACTF070013-PK10 Datasheet
49Kb / 2P
   70 MHz Standard Filter FOR base Station application
SEPT 04
More results

Similar Description - ACTF070007-PK11

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070012-PK10 ACT-ACTF070012-PK10 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station applications
SEPT 04
logo
List of Unclassifed Man...
ACTF070013-PK10 ETC-ACTF070013-PK10 Datasheet
45Kb / 2P
   70 MHz Standard Filter FOR base Station application
logo
Advanced Crystal Techno...
ACTF070025-PK11 ACT-ACTF070025-PK11 Datasheet
47Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070035-PK11 ACT-ACTF070035-PK11 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application
SEPT 04
ACTF070035V-PK11 ACT-ACTF070035V-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter FOR Base Station application.
SEPT 04
ACTF070042-PK11 ACT-ACTF070042-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070188-PK11 ACT-ACTF070188-PK11 Datasheet
47Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070094-PKXS ACT-ACTF070094-PKXS Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070096-PK11 ACT-ACTF070096-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070094-PK10 ACT-ACTF070094-PK10 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com