Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF070035V-PK11 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF070035V-PK11
Description  70 MHz Standard Filter FOR Base Station application.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF070035V-PK11 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF070035V-PK11 Datasheet HTML 1Page - Advanced Crystal Technology ACTF070035V-PK11 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 2
70 MHz Standard Filter FOR Base Station application.
Part Number ACTF070035V/PK11
Horizontal: 1.0MHz/Div
Horizontal: 1.0MHz/Div
Vertical: 10dB/Div
Vertical: 50nsec/Div
Parameter
Unit
Minimum
Typical
Maximum
Centre Frequency
MHz
69.9
70.0
70.1
Insertion Loss at F0
dB
24
25
1 dB Bandwidth
MHz
3.0
3.02
3 dB Bandwidth
MHz
3.5
3.52
3.6
40dB Bandwidth
MHz
4.88
5.0
Passband Variation
dB
0.8
0.9
Phase Linearity
Deg
Group Delay Variation
nsec
50
70
Absolute Delay
usec
1.3
Ultimate Rejection
dB
50
55
60
Substrate Material
-
LiTaO3
Ambient Temperature
°C
25
Typical Performance
Specifications
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF070035V-PK11

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070035-PK11 ACT-ACTF070035-PK11 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application
SEPT 04
ACTF070035/PK ACT-ACTF070035/PK Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application
SEPT 04
More results

Similar Description - ACTF070035V-PK11

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070094-PKXS ACT-ACTF070094-PKXS Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070096-PK11 ACT-ACTF070096-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070094-PK10 ACT-ACTF070094-PK10 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070013-PK10 ACT-ACTF070013-PK10 Datasheet
49Kb / 2P
   70 MHz Standard Filter FOR base Station application
SEPT 04
ACTF070020V-PK11 ACT-ACTF070020V-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base station application.
SEPT 04
logo
List of Unclassifed Man...
ACTF070013-PK10 ETC-ACTF070013-PK10 Datasheet
45Kb / 2P
   70 MHz Standard Filter FOR base Station application
logo
Advanced Crystal Techno...
ACTF070025-PK11 ACT-ACTF070025-PK11 Datasheet
47Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070035-PK11 ACT-ACTF070035-PK11 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application
SEPT 04
ACTF070042-PK11 ACT-ACTF070042-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070188-PK11 ACT-ACTF070188-PK11 Datasheet
47Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com