Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT04
Description  HEX INVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT04 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT04 Datasheet HTML 1Page - STMicroelectronics M74HCT04 Datasheet HTML 2Page - STMicroelectronics M74HCT04 Datasheet HTML 3Page - STMicroelectronics M74HCT04 Datasheet HTML 4Page - STMicroelectronics M74HCT04 Datasheet HTML 5Page - STMicroelectronics M74HCT04 Datasheet HTML 6Page - STMicroelectronics M74HCT04 Datasheet HTML 7Page - STMicroelectronics M74HCT04 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 11ns (TYP.) at VCC=4.5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 04
DESCRIPTION
The M74HCT04 is an high speed CMOS HEX
INVERTER fabricated with silicon gate C2MOS
technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
The M74HCT04 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT04
HEX INVERTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT04B1R
SOP
M74HCT04M1R
M74HCT04RM13TR
TSSOP
M74HCT04TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT04 STMICROELECTRONICS-M74HCT04 Datasheet
231Kb / 9P
   HEX INVERTER
M74HCT04 STMICROELECTRONICS-M74HCT04 Datasheet
241Kb / 11P
   Hex inverter
M74HCT04B1 STMICROELECTRONICS-M74HCT04B1 Datasheet
231Kb / 9P
   HEX INVERTER
M74HCT04B1R STMICROELECTRONICS-M74HCT04B1R Datasheet
231Kb / 9P
   HEX INVERTER
M74HCT04B1R STMICROELECTRONICS-M74HCT04B1R Datasheet
241Kb / 11P
   Hex inverter
More results

Similar Description - M74HCT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com