Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS170ADW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS170ADW
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS170ADW Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS170ADW Datasheet HTML 1Page - Texas Instruments SN75ALS170ADW Datasheet HTML 2Page - Texas Instruments SN75ALS170ADW Datasheet HTML 3Page - Texas Instruments SN75ALS170ADW Datasheet HTML 4Page - Texas Instruments SN75ALS170ADW Datasheet HTML 5Page - Texas Instruments SN75ALS170ADW Datasheet HTML 6Page - Texas Instruments SN75ALS170ADW Datasheet HTML 7Page - Texas Instruments SN75ALS170ADW Datasheet HTML 8Page - Texas Instruments SN75ALS170ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN75ALS170, SN75ALS170A
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS055D – AUGUST 1987 – REVISED SEPTEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = – 19 mA
– 1.5
V
VO
Output voltage
IO = 0
0
6
V
VCC = 4 75 V
VIH =2V
VOH
High-level output voltage
VCC = 4.75 V,
VIL 08 V
VIH = 2 V,
IOH
55 mA
2.7
V
VOH
High level out ut voltage
VIL = 0.8 V,
IOH = – 55 mA
2.7
V
VOL
Low-level output voltage
VCC = 4.75 V,
VIL = 0.8 V,
VIH = 2 V,
IOL = 55 mA
1.7
V
| VOD1 |
Differential output voltage
IO = 0
1.5
6
V
| VOD2 |
Differential output voltage
RL = 100 Ω,
See Figure 1
1/2 VOD1
or 2§
V
OD2
g
RL = 54 Ω,
See Figure 1
1.5
2.5
5
V
VOD3
Differential output voltage
Vtest = – 7 V to 12 V,
See Figure 2
1.5
5
V
∆ | VOD |
Change in magnitude of differential output
voltage¶
±0.2
V
VOC
Common mode output voltage
R
540
Ω or 100 Ω See Figure 1
3
V
VOC
Common-mode output voltage
RL = 540 Ω or 100 Ω, See Figure 1
–1
V
∆ | VOC |
Change in magnitude of common-mode
output voltage¶
±0.2
V
IO
Output current
Output disabled,
VO = 12 V
1
mA
IO
Output current
,
See Note 3
VO = –7 V
– 0.8
mA
IIH
High-level input current
VI = 2.4 V
20
µA
IIL
Low-level input current
VI = 0.4 V
– 400
µA
VO = – 6 V
– 250
IOS
Short circuit output current
VO = 0
– 150
mA
IOS
Short-circuit output current
VO = VCC
250
mA
VO = 8 V
250
ICC
Supply current
No load
Outputs enabled
69
90
mA
ICC
Supply current
No load
Outputs disabled
57
78
mA
† The power-off measurement in ANSI Standard EIA/TIA-422-B applies to disabled outputs only and is not applied to combined inputs and outputs.
‡ All typical values are at VCC = 5 V and TA = 25°C.
§ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
∆ | VOD | and ∆ | VOC | are the changes in magnitude of VOD and VOC respectively, that occur when the input is changed from a high level to a
low level.
NOTE 3: This applies for both power on and off; refer to EIA Standard RS-485 for exact conditions. The EIA/TIA-422-B limit does not apply for
a combined driver and receiver terminal.


Similar Part No. - SN75ALS170ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75ALS170ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170 TI-SN75ALS170 Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS1711 TI1-SN75ALS1711 Datasheet
236Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com