Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS170ADWE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75ALS170ADWE4
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS170ADWE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75ALS170ADWE4 Datasheet HTML 6Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 7Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 8Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 9Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 10Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 11Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 12Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 13Page - Texas Instruments SN75ALS170ADWE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN75ALS170, SN75ALS170A
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS055D – AUGUST 1987 – REVISED SEPTEMBER 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOL
VOH
3 V
0 V
tPHL
tPLH
Output
Input
1.5 V
1.3 V
51
CL = 15 pF
(see Note B)
Output
0 V
1.5 V
Generator
(see Note A)
1.5 V
1.3 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 6. Receiver Test Circuit and Voltage Waveforms
TYPICAL CHARACTERISTICS
2.5
1.5
1
0
0
– 20
– 40
– 60
3.5
4
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
– 80
– 100
– 120
IOH – High-Level Output Current – mA
4.5
3
2
0.5
VCC = 5 V
TA = 25°C
Figure 7
Figure 8
2.5
1.5
1
0
020
40
60
3.5
4
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
5
80
100
120
IOL – Low-Level Output Current – mA
4.5
3
2
0.5
VCC = 5 V
TA = 25°C


Similar Part No. - SN75ALS170ADWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75ALS170ADWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170 TI-SN75ALS170 Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS1711 TI1-SN75ALS1711 Datasheet
236Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com