Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACDC56-41SGWA-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # ACDC56-41SGWA-F01
Description  SURFACE MOUNT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACDC56-41SGWA-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  ACDC56-41SGWA-F01 Datasheet HTML 1Page - Kingbright Corporation ACDC56-41SGWA-F01 Datasheet HTML 2Page - Kingbright Corporation ACDC56-41SGWA-F01 Datasheet HTML 3Page - Kingbright Corporation ACDC56-41SGWA-F01 Datasheet HTML 4Page - Kingbright Corporation ACDC56-41SGWA-F01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH3710
REV NO: V.3
DATE: JUN/14/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1352000284
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
ACDC56-41SGWA-F01
Super Bright Green (GaP)
WHITE DIFFUSED
3000
13200
Common Cathode,
Rt. Hand Decimal
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Green
30
nm
IF=20mA
C
Capacitance
Super Bright Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Green
10
uA
VR=5V
Parameter
Super Bright Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C


Similar Part No. - ACDC56-41SGWA-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACDC56-41SEKWA-F01 KINGBRIGHT-ACDC56-41SEKWA-F01 Datasheet
301Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SEKWA-F01 KINGBRIGHT-ACDC56-41SEKWA-F01_15 Datasheet
231Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SRWA-F01 KINGBRIGHT-ACDC56-41SRWA-F01 Datasheet
301Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SURKWA-F01 KINGBRIGHT-ACDC56-41SURKWA-F01 Datasheet
302Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SURKWA-F01 KINGBRIGHT-ACDC56-41SURKWA-F01_15 Datasheet
232Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACDC56-41SGWA-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com