Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS158NSRE4 Datasheet(PDF) 1 Page - Tachyonics CO,. LTD

Part # SN74ALS158NSRE4
Description  QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

SN74ALS158NSRE4 Datasheet(HTML) 1 Page - Tachyonics CO,. LTD

  SN74ALS158NSRE4 Datasheet HTML 1Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 2Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 3Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 4Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 5Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 6Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 7Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 8Page - Tachyonics CO,. LTD SN74ALS158NSRE4 Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54ALS157A, SN54ALS158
SN74ALS157A, SN74ALS158, SN74AS157, SN74AS158
QUADRUPLE 1OF2 DATA SELECTORS/MULTIPLEXERS
SDAS081C − APRIL 1982 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Buffered Inputs and Outputs
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These
data
selectors/multiplexers
contain
inverters and drivers to supply full data selection
to the four output gates. A separate strobe (G)
input is provided. A 4-bit word is selected from one
of two sources and is routed to the four outputs.
The
′ALS157A and SN74AS157 present true
data. The
′ALS158 and SN74AS158 present
inverted data to minimize propagation delay time.
The
SN54ALS157A
and
SN54ALS158
are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS157A, SN74ALS158, SN74AS157, and
SN74AS158 are characterized for operation from
0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT Y
G
A /B
DATA
′ALS157A
′ALS158
G
A /B
A
B
ALS157A
SN74AS157
ALS158
SN74AS158
H
X
X
X
L
H
L
LL
XL
H
L
LH
XH
L
L
HX
LL
H
L
H
X
H
H
L
SN54ALS157A, SN54ALS158 ...J PACKAGE
SN74ALS157A, SN74ALS158,
SN74AS157, SN74AS158 ... D OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4B
NC
4Y
3A
1B
1Y
NC
2A
2B
SN54ALS157A, SN54ALS158 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A /B
1A
1B
1Y
2A
2B
2Y
GND
VCC
G
4A
4B
4Y
3A
3B
3Y
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS158NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS158NSRE4 TI-SN74ALS158NSRE4 Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74ALS158NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com